Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5001MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 9Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 10Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 11Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
RT = 13.1 x 10
9
x
1
FSW
- 83 ns
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
7.3 Feature Description
7.3.1 High-Voltage VCC Regulator
The LM5001 VCC Low Drop Out (LDO) regulator allows the LM5001 to operate at the lowest possible input
voltage. The VCC pin voltage is very nearly equal to the input voltage from 2.8 V up to approximately 6.9 V. As
the input voltage continues to increase, the VCC pin voltage is regulated at the 6.9 V set-point. The total input
operating range of the VCC LDO regulator is 3.1 V to 75 V.
The output of the VCC regulator is current limited to 20 mA. During power up, the VCC regulator supplies current
into the required decoupling capacitor (0.47 µF or greater ceramic capacitor) at the VCC pin. When the voltage at
the VCC pin exceeds the VCC UVLO threshold of 2.8 V and the EN pin is greater than 1.26 V the PWM
controller is enabled and switching begins. The controller remains enabled until VCC falls below 2.7 V or the EN
pin falls below 1.16 V.
An auxiliary supply voltage can be applied to the VCC pin to reduce the IC power dissipation. If the auxiliary
voltage is greater than 6.9 V, the internal regulator essentially shuts off, and internal power dissipation decreases
by the VIN voltage times the operating current. The overall converter efficiency improves if the VIN voltage is
much higher than the auxiliary voltage. The externally applied VCC voltage should not exceed 14 V. The VCC
regulator series pass MOSFET includes a body diode (Functional Block Diagram ) between VCC and VIN that
should not be forward biased in normal operation. Therefore, the auxiliary VCC voltage should never exceed the
VIN voltage.
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 76 V. Voltage ringing on the VIN line during line transients that exceeds the Absolute
Maximum Ratings damages the IC. Both careful PC board layout and the use of quality bypass capacitors
located close to the VIN and GND pins are essential.
7.3.2 Oscillator
A single external resistor connected between RT and GND pins sets the LM5001 oscillator frequency. To set a
desired oscillator frequency (FSW), the necessary value for the RT resistor can be calculated from:
(1)
The tolerance of the external resistor and the frequency tolerance indicated in the Electrical Characteristics must
be taken into account when determining the worst case frequency range.
7.3.3 External Synchronization
The LM5001 can be synchronized to the rising edge of an external clock. The external clock must have a higher
frequency than the free running oscillator frequency set by the RT resistor. The clock signal should be coupled
through a 100 pF capacitor into the RT pin. A peak voltage level greater than 2.6 V at the RT pin is required for
detection of the sync pulse. The DC voltage across the RT resistor is internally regulated at 1.5 V. The negative
portion of the AC voltage of the synchronizing clock is clamped to this 1.5 V by an amplifier inside the LM5001
with ~100
Ω output impedance. Therefore, the AC pulse superimposed on the RT resistor must have positive
pulse amplitude of 1.1 V or greater to successfully synchronize the oscillator. The sync pulse width measured at
the RT pin should have a duration greater than 15 ns and less than 5% of the switching period. The sync pulse
rising edge initiates the internal CLK signal rising edge, which turns off the power MOSFET. The RT resistor is
always required, whether the oscillator is free running or externally synchronized. The RT resistor should be
located very close to the device and connected directly to the RT and GND pins of the LM5001.
7.3.4 Enable / Standby
The LM5001 contains a dual level Enable circuit. When the EN pin voltage is below 450 mV, the IC is in a low
current shutdown mode with the VCC LDO disabled. When the EN pin voltage is raised above the shutdown
threshold but below the 1.26 V standby threshold, the VCC LDO regulator is enabled, while the remainder of the
IC is disabled. When the EN pin voltage is raised above the 1.26 V standby threshold, all functions are enabled
and normal operation begins. An internal 6 µA current source pulls up the EN pin to activate the IC when the EN
pin is left disconnected.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com