Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5001MA/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 12Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 18Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 19Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
VIN
RT
EN
GND
SW
FB
COMP
VCC
VIN = 16V ± 48V
VOUT = 24V
IOUT = 250 mA
C1
4.7 éF
C2
1 2F
C6
22éF
D2
C5
0.015 2F
R1
60.4k
R2
6.04k
R3
52.3k
R4
11.5k
R5
11.5k
R6
634
L1
470 2H
L2
470 2H
C3
10 2F
C4
150 pF
VIN
RT
EN
GND
SW
FB
COMP
VCC
VIN = 16V ± 36V
VOUT = 48V
IOUT = 150mA
C1
4.7 éF
C2
1 éF
C3
10éF
D2
C4
2200 pF
R1
60.4k
R2
6.04k
R3
52.3k
R4
73.2k
R5
54.9k
R6
1.47k
L1
100 2H
LM5001, LM5001-Q1
SNVS484H – JANUARY 2007 – REVISED JULY 2015
www.ti.com
Typical Applications (continued)
Figure 20. Boost
8.2.4 24-V SEPIC
The 24-V SEPIC converter (Figure 21) utilizes the internal voltage reference for the regulation setpoint. The
output is 24 V at 250 mA while the input voltage can vary from 16 V to 48 V. The switching frequency is set to
250 kHz. The internal VCC regulator provides 6.9 V bias power for the LM5001. An auxiliary voltage can be
created by adding a winding on L2 and a diode into the VCC pin.
Figure 21. 24-V SEPIC
8.2.5 12-V Automotive SEPIC
The 12-V Automotive SEPIC converter (Figure 22) utilizes the internal bandgap voltage reference for the
regulation setpoint. The output is 12 V at 50 mA while the input voltage can vary from 3.1 V to 60 V. The output
current rating can be increased if the minimum VIN voltage requirement is increased. The switching frequency is
set to 750 kHz. The internal VCC regulator provides 6.9 V bias power for the LM5001. The output voltage can be
used as an auxiliary voltage if the nominal VIN voltage is greater than 12 V by adding a diode from the output
into the VCC pin. In this configuration, the minimum input voltage must be greater than 12 V to prevent the
internal VCC to VIN diode from conducting. If the applied VCC voltage exceeds the minimum VIN voltage, then
an external blocking diode is required between the VIN pin and the power source to block current flow from VCC
to the input supply.
16
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com