Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5001MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 13Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 18Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 19Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 20Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
VIN
RT
EN
GND
SW
FB
COMP
VCC
VIN = 3.1V ± 60V
VOUT = 12V
IOUT = 50 mA
C1
2.2 éF
C2
1 2F
C6
22 éF
D2
C5
0.015 2F
R1
15.8k
R2
11.5k
R3
11.5k
R4
1.33k
L1
100 2H
L2
100 2H
C3
4.7 2F
C4
150 pF
NC
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
Typical Applications (continued)
Figure 22. 12-V SEPIC
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com