Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1T53 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NX3L1T53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
8 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
[1]
Typical values are measured at Tamb = 25 C.
[2]
Measured at identical VCC, temperature and input voltage.
[3]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
11.3 ON resistance test circuit and waveforms
R
ON
ON resistance mismatch
between channels
VI =GND to VCC;
ISW = 100 mA
[2]
VCC = 1.4 V
-
0.04
0.3
-
0.3
VCC = 1.65 V
-
0.04
0.2
-
0.3
VCC = 2.3 V
-
0.02
0.08
-
0.1
VCC = 2.7 V
-
0.02
0.075
-
0.1
VCC = 4.3 V
-
0.02
0.075
-
0.1
RON(flat)
ON resistance (flatness) VI =GND to VCC;
ISW = 100 mA
[3]
VCC = 1.4 V
-
1.0
3.3
-
3.6
VCC = 1.65 V
-
0.5
1.2
-
1.3
VCC = 2.3 V
-
0.15
0.3
-
0.35
VCC = 2.7 V
-
0.13
0.3
-
0.35
VCC = 4.3 V
-
0.2
0.4
-
0.45
Table 8.
ON resistance …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 9 to Figure 15.
Symbol
Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON = VSW / ISW.
Fig 8.
Test circuit for measuring ON resistance
S
E
Z
Y0
VIL or VIH
VCC
VIL
switch
1
2VIH
VIL
S
VIL
VIL
E
VI
V
001aah456
Y1
VSW
switch
GND
1
2
ISW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com