Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1T53 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button NX3L1T53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 12Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 13Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 14Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
11 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
12. Dynamic characteristics
[1]
Typical values are measured at Tamb = 25 C and VCC = 1.5 V, 1.8 V, 2.5 V, 3.3 V and 4.3 V respectively.
[2]
Break-before-make guaranteed by design.
Table 9.
Dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for load circuit see Figure 18.
Symbol
Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
ten
enable time
S or E to Z or Yn;
see Figure 16
VCC = 1.4 V to 1.6 V
-
50
90
-
120
120
ns
VCC = 1.65 V to 1.95 V
-
36
70
-
80
90
ns
VCC = 2.3 V to 2.7 V
-
24
45
-
50
55
ns
VCC = 2.7 V to 3.6 V
-
22
40
-
45
50
ns
VCC = 3.6 V to 4.3 V
-
22
40
-
45
50
ns
tdis
disable time
S or E to Z or Yn;
see Figure 16
VCC = 1.4 V to 1.6 V
-
32
70
-
80
90
ns
VCC = 1.65 V to 1.95 V
-
20
55
-
60
65
ns
VCC = 2.3 V to 2.7 V
-
12
25
-
30
35
ns
VCC = 2.7 V to 3.6 V
-
10
20
-
25
30
ns
VCC = 3.6 V to 4.3 V
-
10
20
-
25
30
ns
tb-m
break-before-make
time
see Figure 17
[2]
VCC = 1.4 V to 1.6 V
-
19
-
9
-
-
ns
VCC = 1.65 V to 1.95 V
-
17
-
7
-
-
ns
VCC = 2.3 V to 2.7 V
-
13
-
4
-
-
ns
VCC = 2.7 V to 3.6 V
-
10
-
3
-
-
ns
VCC = 3.6 V to 4.3 V
-
10
-
2
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com