Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1T53 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 11Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 12Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 13Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 14Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 15Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
NX3L1T53
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 23 January 2013
12 of 24
NXP Semiconductors
NX3L1T53
Low-ohmic single-pole double-throw analog switch
12.1 Waveform and test circuits
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Enable and disable times
001aah457
ten
tdis
tdis
VX
VX
VX
VX
output
OFF to HIGH
HIGH to OFF
output
HIGH to OFF
OFF to HIGH
S, E input
VI
VOH
VM
VM
GND
VOH
GND
GND
ten
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VX
1.4 V to 4.3 V
0.5VCC
0.9VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com