Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NX3L1T53 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NX3L1T53
Description  Low-ohmic single-pole double-throw analog switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1T53 Datasheet(HTML) 1 Page - NXP Semiconductors

  NX3L1T53_15 Datasheet HTML 1Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 2Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1T53_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The NX3L1T53 is a low-ohmic single-pole double-throw analog switch suitable for use as
an analog or digital 2:1 multiplexer/demultiplexer. It has a digital select input (S), two
independent inputs/outputs (Y0 and Y1), a common input/output (Z) and an active LOW
enable input (E). When pin E is HIGH, the switch is turned off.
Schmitt trigger action at the digital inputs makes the circuit tolerant to slower input rise and
fall times. Low threshold digital inputs allows this device to be driven by 1.8 V logic levels
in 3.3 V applications without significant increase in supply current ICC. This makes it
possible for the NX3L1T53 to switch 4.3 V signals with a 1.8 V digital controller,
eliminating the need for logic level translation. The NX3L1T53 allows signals with
amplitude up to VCC to be transmitted from Z to Y0 or Y1; or from Y0 or Y1 to Z. It’s low
ON resistance (0.5
) and flatness (0.13 ) ensures minimal attenuation and distortion of
transmitted signals.
2.
Features and benefits
Wide supply voltage range from 1.4 V to 4.3 V
Very low ON resistance (peak):
1.6
 (typical) at V
CC =1.4 V
1.0
 (typical) at V
CC =1.65V
0.55
 (typical) at V
CC =2.3 V
0.50
 (typical) at V
CC =2.7 V
0.50
 (typical) at V
CC =4.3 V
Break-before-make switching
High noise immunity
ESD protection:
HBM JESD22-A114F Class 3A exceeds 7500 V
MM JESD22-A115-A exceeds 200 V
CDM AEC-Q100-011 revision B exceeds 1000 V
IEC61000-4-2 contact discharge exceeds 8000 V for switch ports
CMOS low-power consumption
Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
1.8 V control logic at VCC = 3.6 V
Control input accepts voltages above supply voltage
Very low supply current, even when input is below VCC
High current handling capability (350 mA continuous current under 3.3 V supply)
Specified from
40 C to +85 C and from 40 C to +125 C
NX3L1T53
Low-ohmic single-pole double-throw analog switch
Rev. 8 — 23 January 2013
Product data sheet


Similar Part No. - NX3L1T53_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T53GD NXP-NX3L1T53GD Datasheet
520Kb / 24P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1T53GM NXP-NX3L1T53GM Datasheet
520Kb / 24P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1T53GT NXP-NX3L1T53GT Datasheet
520Kb / 24P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
More results

Similar Description - NX3L1T53_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1T53 NXP-NX3L1T53 Datasheet
520Kb / 24P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G53 PHILIPS-NX3L1G53_15 Datasheet
336Kb / 24P
Low-ohmic single-pole double-throw analog switch
Rev. 7-8 February 2013
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com