Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4810MMX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810MMX/NOPB
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810MMX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4810MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM4810
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
ESD Susceptibility (3)
3.5kV
ESD Machine Model (4)
250V
Junction Temperature (TJ)
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
SOIC Package
Infrared (15 sec.)
220°C
θJA (SOIC)
170°C/W
θJC (SOIC)
35°C/W
θJA (VSSOP)
210°C/W
Thermal Resistance
θJC (VSSOP)
56°C/W
θJA (WSON)
117°C/W (5)
θJA (WSON)
150°C/W (6)
θJC (WSON)
15°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 100pF discharged through a 1.5k
Ω resistor.
(4)
Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then
discharged directly into the IC with no external series resistor (resistance of discharge path must be under 50Ohms).
(5)
The given
θJA is for an LM4810 packaged in an NGL0008B with the Exposed-Dap soldered to a printed circuit board copper pad with an
area equivalent to that of the Exposed-Dap itself.
(6)
The given
θJA is for an LM4810 packaged in an NGL0008B with the Exposed-Dap not soldered to any circuit board copper.
Operating Ratings
(1)
Temperature Range
TMIN ≤ TA ≤ TMAX
−40°C ≤ T A ≤ 85°C
Supply Voltage (VCC
2.0V
≤ V CC ≤ 5.5V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V unless otherwise specified, limits apply to TA = 25°C.
LM4810
Units
Parameter
Test Conditions
(Limits)
Typ (3)
Limit (4)
VDD
Supply Voltage
2.0
V (min)
5.5
V (max)
IDD
Supply Current
VIN = 0V, IO = 0A
1.3
3
mA(max)
ISD
Shutdown Current
VIN = 0V, VSHUTDOWN = VDD
0.4
2
µA(max)
VOS
Output Offset Voltage
VIN = 0V
4.0
50
mV(max)
PO
Output Power
THD+N = 0.1%, f = 1kHz
RL = 16Ω
105
mW
RL = 32Ω
70
65
mW(min)
THD+N
Total Harmonic Distortion
PO = 50mW, RL = 32Ω
0.3
%
f = 20Hz to 20kHz
Crosstalk
Channel Separation
RL = 32Ω; PO = 70mW
70
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typical specifications are specified at +25OC and represent the most likely parametric norm.
(4)
Datasheet max/min specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com