Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4810MMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810MMX/NOPB
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810MMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4810MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4810
www.ti.com
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
LM4810
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
Check for Samples: LM4810
1
FEATURES
DESCRIPTION
The LM4810 is a dual audio power amplifier capable
2
•
Active-High Shutdown Mode
of delivering 105mW per channel of continuous
•
WSON, VSSOP, and SOIC Surface Mount
average power into a 16
Ω load with 0.1% (THD+N)
Packaging
from a 5V power supply.
•
"Click and Pop" Suppression Circuitry
Boomer
audio
power
amplifiers
were
designed
•
Low Shutdown Current
specifically to provide high quality output power with a
minimal amount of external components. Since the
•
No Bootstrap Capacitors Required
LM4810 does not require bootstrap capacitors or
•
Unity-Gain Stable
snubber networks, it is optimally suited for low-power
portable systems.
APPLICATIONS
The unity-gain stable LM4810 can be configured by
•
Cellular Phones
external gain-setting resistors.
•
Personal Computers
The LM4810 features an externally controlled, active-
•
Microphone Preamplifier
high, micropower consumption shutdown mode, as
•
PDA's
well as an internal thermal shutdown protection
mechanism.
KEY SPECIFICATIONS
•
THD+N at 1kHz, 105mW Continuous Average
Power into 16
Ω 0.1 % (typ)
•
THD+N at 1kHz, 70mW Continuous Average
Power into 32
Ω 0.1 % (typ)
•
Shutdown Current 0.4 µA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4810MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4810MM NSC-LM4810MM Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
More results

Similar Description - LM4810MMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Ceramate Technical
CO4808 CERAMATE-CO4808 Datasheet
148Kb / 4P
Dual 105mW Headphone Amplifier
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Unisonic Technologies
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com