Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4810MMX/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810MMX/NOPB
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810MMX/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4810MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM4810
www.ti.com
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD = 5V unless otherwise specified, limits apply to TA = 25°C.
LM4810
Units
Parameter
Test Conditions
(Limits)
Typ (3)
Limit (4)
PSRR
Power Supply Rejection Ratio
CB = 1.0µF; VRIPPLE = 200mVPP,
70
dB
f = 1kHz; Input terminated into 50
Ω
VSDIH
Shutdown Voltage Input High
0.8 x VDD
V (min)
VSDIL
Shutdown Voltage Input Low
0.2 x VDD
V (max)
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 3.3V unless otherwise specified, limits apply to TA = 25°C.
LM4810
Units
Parameter
Test Conditions
(Limits)
Typ (3)
Limit (4)
IDD
Supply Current
VIN = 0V, IO = 0A
1.0
mA
ISD
Shutdown Current
VIN = 0V, VSHUTDOWN = VDD
0.4
µA
VOS
Output Offset Voltage
VIN = 0V
4.0
mV
PO
Output Power
THD+N = 0.1%, f = 1kHz
RL = 16Ω
40
mW
RL = 32Ω
28
mW
THD+N
Total Harmonic Distortion
PO = 25mW, RL = 32Ω
0.4
%
f = 20Hz to 20kHz
Crosstalk
Channel Separation
RL = 32Ω; PO = 25mW
70
dB
PSRR
Power Supply Rejection Ratio
CB = 1.0µF; Vripple = 200mVPP,
70
dB
f = 1kHz; Input terminated into 50
Ω
VSDIH
Shutdown Voltage Input High
0.8 x VDD
V (min)
VSDIL
Shutdown Voltage Input Low
0.2 x VDD
V (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typical specifications are specified at +25OC and represent the most likely parametric norm.
(4)
Datasheet max/min specification limits are ensured by design, test, or statistical analysis.
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 2.6V unless otherwise specified, limits apply to TA = 25°C.
LM4810
Units
Parameter
Test Conditions
(Limits)
Typ (3)
Limit (4)
IDD
Supply Current
VIN = 0V, IO = 0A
0.9
mA
ISD
Shutdown Current
VIN = 0V, VSHUTDOWN = VDD
0.2
µA
VOS
Output Offset Voltage
VIN = 0V
4.0
mV
PO
Output Power
THD+N = 0.1%, f = 1kHz
RL = 16Ω
20
mW
RL = 32Ω
16
mW
THD+N
Total Harmonic Distortion
PO = 15mW, RL = 32Ω
0.6
%
f = 20Hz to 20kHz
Crosstalk
Channel Separation
RL = 32Ω; PO = 15mW
70
dB
PSRR
Power Supply Rejection Ratio
CB = 1.0µF; Vripple = 200mVPP,
70
dB
f = 1kHz; Input terminated into 50
Ω
VSDIH
Shutdown Voltage Input High
0.8 x VDD
V (min)
VSDIL
Shutdown Voltage Input Low
0.2 x VDD
V (max)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typical specifications are specified at +25OC and represent the most likely parametric norm.
(4)
Datasheet max/min specification limits are ensured by design, test, or statistical analysis.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com