Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4810MMX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM4810MMX/NOPB
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4810MMX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4810MMX/NOPB Datasheet HTML 12Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 13Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 14Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 15Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 16Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM4810MMX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
LM4810
SNAS125D – FEBRUARY 2001 – REVISED APRIL 2013
www.ti.com
(5)
VDD ≥ (2VOPEAK + (VODTOP + VODBOT))
(6)
Figure 29 indicates a minimum supply voltage of 4.8V. This is easily met by the commonly used 5V supply
voltage. The additional voltage creates the benefit of headroom, allowing the LM4810 to produce peak output
power in excess of 70mW without clipping or other audible distortion. The choice of supply voltage must also not
create a situation that violates maximum power dissipation as explained above in POWER DISSIPATION.
Remember that the maximum power dissipation point from Equation 1 must be multiplied by two since there are
two independent amplifiers inside the package. Once the power dissipation equations have been addressed, the
required gain can be determined from Equation 7.
(7)
Thus, a minimum gain of 1.497 allows the LM4810 to reach full output swing and maintain low noise and THD+N
performance. For this example, let AV=1.5.
The amplifiers overall gain is set using the input (Ri ) and feedback (Rf ) resistors. With the desired input
impedance set at 20k
Ω, the feedback resistor is found using Equation 8.
AV = Rf/Ri
(8)
The value of Rf is 30kΩ.
The last step in this design is setting the amplifier's
−3db frequency bandwidth. To achieve the desired ±0.25dB
pass band magnitude variation limit, the low frequency response must extend to at lease one
−fifth the lower
bandwidth limit and the high frequency response must extend to at least five times the upper bandwidth limit. The
gain variation for both response limits is 0.17dB, well within the ±0.25dB desired limit. The results are an
fL = 100Hz/5 = 20Hz
(9)
and a
fH = 20kHz
∗5 = 100kHz
(10)
As stated in External Components Description, both Ri in conjunction with Ci, and Co with RL, create first order
highpass filters. Thus to obtain the desired low frequency response of 100Hz within ±0.5dB, both poles must be
taken into consideration. The combination of two single order filters at the same frequency forms a second order
response. This results in a signal which is down 0.34dB at five times away from the single order filter
−3dB point.
Thus, a frequency of 20Hz is used in the following equations to ensure that the response is better than 0.5dB
down at 100Hz.
Ci ≥ 1 / (2π * 20kΩ * 20Hz) = 0.397µF; use 0.39µF.
(11)
Co ≥ 1 / (2π * 32Ω * 20Hz) = 249µF; use 330µF.
(12)
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the closed-loop
gain, AV. With a closed-loop gain of 1.5 and fH = 100kHz, the resulting GBWP = 150kHz which is much smaller
than the LM4810's GBWP of 900kHz. This figure displays that if a designer has a need to design an amplifier
with a higher gain, the LM4810 can still be used without running into bandwidth limitations.
16
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LM4810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com