Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4881M/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4881M/NOPB
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881M/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4881M/NOPB Datasheet HTML 1Page - Texas Instruments LM4881M/NOPB Datasheet HTML 2Page - Texas Instruments LM4881M/NOPB Datasheet HTML 3Page - Texas Instruments LM4881M/NOPB Datasheet HTML 4Page - Texas Instruments LM4881M/NOPB Datasheet HTML 5Page - Texas Instruments LM4881M/NOPB Datasheet HTML 6Page - Texas Instruments LM4881M/NOPB Datasheet HTML 7Page - Texas Instruments LM4881M/NOPB Datasheet HTML 8Page - Texas Instruments LM4881M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LM4881
www.ti.com
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD + 0.3V
Power Dissipation(3)
Internally limited
ESD Susceptibility(4)
2000V
ESD Susceptibility(5)
200V
Junction Temperature
150°C
Soldering Information
Small Outline Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
Thermal Resistance
θJC (VSSOP)
56°C/W
θJA (VSSOP)
210°C/W
θJC (SOIC)
35°C/W
θJA (SOIC)
170°C/W
θJC (PDIP)
37°C/W
θJA (PDIP)
107°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is P DMAX = (TJMAX − TA) / θJA. For the LM4881, TJMAX = 150°C, and the typical junction-
to-ambient thermal resistance, when board mounted, is 210°C/W for the VSSOP Package and 107°C/W for package P0008E.
(4)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(5)
Machine Model, 220 pF–240 pF discharged through all pins.
Operating Ratings
Temperature Range TMIN ≤ TA ≤ TMAX
−40°C ≤ T A ≤ 85°C
Supply Voltage
2.7V
≤ VDD ≤ 5.5V
Electrical Characteristics
(1) (2)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25C.
Symbol
Parameter
Conditions
LM4881
Units
(Limits)
Typ(3)
Limit(4)
VDD
Power Supply Voltage
2.7
V (min)
5.5
V (max)
IDD
Quiescent Current
VIN = 0V, IO = 0A
3.6
6.0
mA (max)
ISD
Shutdown Current
VPIN1 = VDD
0.7
5
µA (max)
VOS
Offset Voltage
VIN = 0V
5
50
mV (max)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com