Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4881M/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4881M/NOPB
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881M/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4881M/NOPB Datasheet HTML 1Page - Texas Instruments LM4881M/NOPB Datasheet HTML 2Page - Texas Instruments LM4881M/NOPB Datasheet HTML 3Page - Texas Instruments LM4881M/NOPB Datasheet HTML 4Page - Texas Instruments LM4881M/NOPB Datasheet HTML 5Page - Texas Instruments LM4881M/NOPB Datasheet HTML 6Page - Texas Instruments LM4881M/NOPB Datasheet HTML 7Page - Texas Instruments LM4881M/NOPB Datasheet HTML 8Page - Texas Instruments LM4881M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4881
www.ti.com
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
LM4881
Dual 200 mW Headphone Amplifier with
Shutdown Mode
Check for Samples: LM4881
1
FEATURES
DESCRIPTION
The LM4881 is a dual audio power amplifier capable
23
•
VSSOP Surface Mount Packaging
of delivering 200mW of continuous average power
•
Unity-gain Stable
into an 8
Ω load with 0.1% THD+N from a 5V power
•
External Gain Configuration Capability
supply.
•
Thermal Shutdown Protection Circuitry
Boomer™ audio power amplifiers were designed
•
No Bootstrap Capacitors, or Snubber Circuits
specifically to provide high quality output power with a
minimal
amount
of
external
components
using
are Necessary
surface mount packaging. Since the LM4881 does
not require bootstrap capacitors or snubber networks,
APPLICATIONS
it is optimally suited for low-power portable systems.
•
Headphone Amplifier
The LM4881 features an externally controlled, low
•
Personal Computers
power consumption shutdown mode which is virtually
•
Microphone Preamplifier
clickless and popless, as well as an internal thermal
shutdown protection mechanism.
KEY SPECIFICATIONS
The unity-gain stable LM4881 can be configured by
•
THD+N at 1kHz at 125mW Continuous Average
external gain-setting resistors.
Output Power into 8
Ω 0.1% (max)
•
THD+N at 1kHz at 75mW Continuous
0.02% (typ)
•
Output Power at 10% THD+N at 1kHz into 8
Ω
300 mW (typ)
•
Shutdown Current 0.7µA (typ)
•
Supply Voltage Range 2.7V to 5.5 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4881M/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4881M/NOPB TI2-LM4881M/NOPB Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
LM4881M/NOPB.A TI2-LM4881M/NOPB.A Datasheet
498Kb / 15P
LM4881 Dual 200 mW Headphone Amplifier with Shutdown Mode
REVISED MAY 2013
More results

Similar Description - LM4881M/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
Anachip Corp
AP4809 ANACHIP-AP4809 Datasheet
234Kb / 9P
Stereo Headphone Amplifier With Shutdown Mode
Rev. 1.0 Sep 29, 2004
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com