Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4881M/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM4881M/NOPB
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881M/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4881M/NOPB Datasheet HTML 1Page - Texas Instruments LM4881M/NOPB Datasheet HTML 2Page - Texas Instruments LM4881M/NOPB Datasheet HTML 3Page - Texas Instruments LM4881M/NOPB Datasheet HTML 4Page - Texas Instruments LM4881M/NOPB Datasheet HTML 5Page - Texas Instruments LM4881M/NOPB Datasheet HTML 6Page - Texas Instruments LM4881M/NOPB Datasheet HTML 7Page - Texas Instruments LM4881M/NOPB Datasheet HTML 8Page - Texas Instruments LM4881M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM4881
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD = 5V unless otherwise specified. Limits apply for TA = 25C.
Symbol
Parameter
Conditions
LM4881
Units
(Limits)
Typ(3)
Limit(4)
P O
Output Power
THD = 0.1% (max); f = 1 kHz;
RL = 8Ω
200
125
mW (min)
RL = 16Ω
150
mW
RL = 32Ω
85
mW
THD + N = 10%; f = 1 kHz;
RL = 8Ω
300
mW
RL = 16Ω
200
mW
RL = 32Ω
110
mW
THD+N
Total Harmonic Distortion + Noise
RL = 16Ω, P O = 120 mWrms;
0.025
%
R L = 32Ω, PO = 75 mWrms; f = 1
0.02
%
kHz
PSRR
CB = 1.0 µF, VRIPPLE = 200 mVrms, f
50
dB
= 120Hz
IDD
Quiescent Current
VIN = 0V, IO = 0A
1.1
mA
ISD
Shutdown Current
VPIN1 = VDD
0.7
µA
VOS
Offset Voltage
VIN = 0V
5
mV
P O
Output Power
THD = 1% (max); f = 1 kHz;
RL = 8Ω
70
mW
RL= 16Ω
65
mW
RL = 32Ω
30
mW
THD + N = 10%; f = 1 kHz;
RL = 8Ω
95
mW
RL = 16Ω
65
mW
RL = 32Ω
35
mW
THD+N
Total Harmonic Distortion + Noise
RL = 16Ω, P O = 60 mWrms;
0.2
%
RL = 32Ω, PO = 25 mWrms; f = 1 kHz
0.03
%
PSRR
Power Supply Rejection Ratio
CB = 1.0 µF, VRIPPLE = 200 mVrms, f
50
dB
= 100 Hz
External Components Description
(Figure 1)
Components
Functional Description
1. Ri
Inverting input resistance which sets the closed-loop gain in conjuction with Rf. This resistor also forms a
high pass filter with Ci at fc = 1 / (2πR iCi).
2. Ci
Input coupling capacitor which blocks the DC voltage at the amplifier's input terminals. Also creates a
highpass filter with Ri at fc = 1 / (2πRiC i). Refer to the section, Proper Selection of External Components,
for an explanation of how to determine the value of Ci.
3. Rf
Feedback resistance which sets closed-loop gain in conjuction with Ri.
4. CS
Supply bypass capacitor which provides power supply filtering. Refer to the Application Information section
for proper placement and selection of the supply bypass capacitor.
5. CB
Bypass pin capacitor which provides half-supply filtering. Refer to the section, Proper Selection of External
Components, for information concerning proper placement and selection of CB.
6. CO
Output coupling capacitor which blocks the DC voltage at the amplifier's output. Forms a high pass filter
with RL at fO = 1/(2πRLCO)
4
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LM4881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com