Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4881M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM4881M/NOPB
Description  Dual 200 mW Headphone Amplifier with Shutdown Mode
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4881M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4881M/NOPB Datasheet HTML 3Page - Texas Instruments LM4881M/NOPB Datasheet HTML 4Page - Texas Instruments LM4881M/NOPB Datasheet HTML 5Page - Texas Instruments LM4881M/NOPB Datasheet HTML 6Page - Texas Instruments LM4881M/NOPB Datasheet HTML 7Page - Texas Instruments LM4881M/NOPB Datasheet HTML 8Page - Texas Instruments LM4881M/NOPB Datasheet HTML 9Page - Texas Instruments LM4881M/NOPB Datasheet HTML 10Page - Texas Instruments LM4881M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM4881
www.ti.com
SNAS001D – SEPTEMBER 1997 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
Figure 16.
Figure 17.
Output Power vs Supply Voltage
Power Dissipation vs Output Power
Figure 18.
Figure 19.
Output Power vs Load Resistance
Output Power vs Load Resistance
Figure 20.
Figure 21.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com