Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-ADJ/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-ADJ/NOPB
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-ADJ/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LP3855ES-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LP3855-ADJ
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS — LP3855-ADJ
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN = VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
LP3855-ADJ(2)
Symbol
Parameter
Conditions
Typ (1)
Units
Min
Max
VOUT +1V ≤ VIN≤ 7V
1.198
1.234
VADJ
Adjust Pin Voltage
1.216
V
10 mA
≤ IL ≤ 1.5A
1.180
1.253
VOUT +1V ≤ VIN≤ 7V
IADJ
Adjust Pin Input Current
10
100
nA
10 mA
≤ IL ≤ 1.5A
Output Voltage Line
0.02
ΔV OL
VOUT +1V ≤ VIN ≤ 7.0V
%
Regulation (3)
0.06
Output Voltage Load
0.06
ΔVO/ ΔIOUT
10 mA
≤ IL ≤ 1.5A
%
0.12
Regulation(3)
35
IL = 150 mA
24
Dropout Voltage,
45
DDPAK/TO-263 and TO-
310
220(4)
IL = 1.5A
240
mV
420
VIN - VOUT
35
IL = 150 mA
26
45
Dropout Voltage,
SOT 223(4)(5)
320
IL = 1.5A
260
435
9
IL = 150 mA
3
10
Ground Pin Current In
IGND
mA
Normal Operation Mode
9
IL = 1.5A
3
10
VSD ≤ 0.3V
0.01
10
Ground Pin Current In
IGND
µA
Shutdown Mode
-40°C
≤ TJ ≤ 85°C
50
IO(PK)
Peak Output Current
VO ≥ VO(NOM) - 4%
1.8
A
Short Circuit Protection
ISC
Short Circuit Current
3.2
A
Shutdown Input
VSDT Rising from 0.3V
1.3
2
until Output = ON
VSDT
Shutdown Threshold
V
VSDT Falling from 2.0V
1.3
0.3
until Output = OFF
TdOFF
Turn-off delay
IL = 1.5A
20
µs
TdON
Turn-on delay
IL = 1.5A
25
µs
ISD
SD Input Current
VSD = VIN
1
nA
AC Parameters
VIN = VOUT + 1V, COUT = 10uF
73
VOUT = 3.3V, f = 120Hz
PSRR
Ripple Rejection
dB
VIN = VOUT + 0.5V, COUT = 10uF
57
VOUT = 3.3V, f = 120Hz
ρn(l/f)
Output Noise Density
f = 120Hz
0.8
µV
BW = 10Hz – 100kHz, VOUT = 2.5V
150
en
Output Noise Voltage
µV (rms)
BW = 300Hz – 300kHz, VOUT = 2.5V
100
(1)
Typical numbers are at 25°C and represent the most likely parametric norm.
(2)
Limits are specified by testing, design, or statistical correlation.
(3)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current.
(4)
Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the drop-out voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V.
(5)
The SOT-223 package devices have slightly higher dropout due to increased bond wire resistance.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3855-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com