Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-ADJ/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-ADJ/NOPB
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-ADJ/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3855ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 12Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 14Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LP3855-ADJ
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
DROPOUT VOLTAGE
The dropout voltage of a regulator is defined as the minimum input-to-output differential required to stay within
2% of the nominal output voltage. For CMOS LDOs, the dropout voltage is the product of the load current and
the Rds(on) of the internal MOSFET.
REVERSE CURRENT PATH
The internal MOSFET in LP3855-ADJ has an inherent parasitic diode. During normal operation, the input voltage
is higher than the output voltage and the parasitic diode is reverse biased. However, if the output is pulled above
the input in an application, then current flows from the output to the input as the parasitic diode gets forward
biased. The output can be pulled above the input as long as the current in the parasitic diode is limited to 200mA
continuous and 1A peak.
POWER DISSIPATION/HEATSINKING
The LP3855-ADJ can deliver a continuous current of 1.5A over the full operating temperature range. A heatsink
may be required depending on the maximum power dissipation and maximum ambient temperature of the
application. Under all possible conditions, the junction temperature must be within the range specified under
operating conditions. The total power dissipation of the device is given by:
PD = (VIN−VOUT)IOUT+ (VIN)IGND
(3)
where IGND is the operating ground current of the device (specified under Electrical Characteristics).
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax− TAmax
(4)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = TRmax / PD
(5)
The LP3855-ADJ is available in TO-220 and DDPAK/TO-263 packages. The thermal resistance depends on
amount of copper area or heat sink, and on air flow. If the maximum allowable value of
θJA calculated above is ≥
60 °C/W for TO-220 package and
≥ 60 °C/W for DDPAK/TO-263 package no heatsink is needed since the
package can dissipate enough heat to satisfy these requirements. If the value for allowable
θJA falls below these
limits, a heat sink is required.
HEATSINKING TO-220 PACKAGE
The thermal resistance of a TO220 package can be reduced by attaching it to a heat sink or a copper plane on a
PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for TO263
package.
The heatsink to be used in the application should have a heatsink to ambient thermal resistance,
θHA≤ θJA − θCH − θJC.
(6)
In this equation,
θCH is the thermal resistance from the case to the surface of the heat sink and θJC is the thermal
resistance from the junction to the surface of the case.
θJC is about 3°C/W for a TO-220 package. The value for
θCH depends on method of attachment, insulator, etc. θCH varies between 1.5°C/W to 2.5°C/W. If the exact value
is unknown, 2°C/W can be assumed.
HEATSINKING DDPAK/TO-263 PACKAGE
The DDPAK/TO-263 package uses the copper plane on the PCB as a heatsink. The tab of these packages are
soldered to the copper plane for heat sinking. Figure 20 shows a curve for the
θJA of DDPAK/TO-263 package for
different copper area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area
for heat sinking.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3855-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com