Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-ADJ/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-ADJ/NOPB
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-ADJ/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3855ES-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2
1
IOUT
@ 1A
VOUT
@ 2.5V
T
T
TIME (1 Ps/DIV)
2
1
IOUT
@ 1A
T
T
IOUT
1A/DIV
VOUT
100 mV/DIV
VOUT = 2.5V
TIME (2 Ps/DIV)
LP3855-ADJ
www.ti.com
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: TJ = 25°C, COUT = 10µF, CIN = 10µF, S/D pin is tied to VIN, VOUT = 2.5V, VIN = VO(NOM) + 1V, IL =
10 mA.
Load Transient Response
Load Transient Response
CIN = 2 x 10µF CERAMIC
CIN = 2 x 10µF CERAMIC
COUT = 2 x 10µF CERAMIC
COUT = 2 x 10µF CERAMIC
Figure 16.
Figure 17.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3855-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com