Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-ADJ/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-ADJ/NOPB
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-ADJ/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP3855ES-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LP3855ES-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LP3855-ADJ
VIN
VOUT
ADJ
GND
*C
IN
*C
OUT
INPUT
OUTPUT
1.5A
R1
**
R2
**
CFF
**
**
VOUT = 1.216 x (1+
R1
R2
)
SD
SD
10 PF
10 PF
* TANTALUM OR
CERAMIC
LP3855-ADJ
www.ti.com
SNVS244F – SEPTEMBER 2003 – REVISED APRIL 2013
LP3855-ADJ 1.5A Fast Response Ultra Low Dropout Linear Regulators
Check for Samples: LP3855-ADJ
1
FEATURES
DESCRIPTION
The
LP3855-ADJ
fast
ultra
low-dropout
linear
2
•
Ultra Low Dropout Voltage
regulators operate from a +2.5V to +7.0V input
•
Stable with Selected Ceramic Capacitors
supply. These ultra low dropout linear regulators
•
Low Ground Pin Current
respond very quickly to step changes in load, which
makes them suitable for low voltage microprocessor
•
Load Regulation of 0.06%
applications. The LP3855-ADJ is developed on a
•
10nA Quiescent Current in Shutdown Mode
CMOS process which allows low quiescent current
•
Specified Output Current of 1.5A DC
operation independent of output load current. This
CMOS process also allows the LP3855-ADJ to
•
Available in DDPAK/TO-263, TO-220 and SOT-
operate under extremely low dropout conditions.
223 Packages
•
Overtemperature/Overcurrent Protection
Dropout Voltage: Ultra low dropout voltage; typically
24mV at 150mA load current and 240mV at 1.5A load
•
−40°C to +125°C Junction Temperature Range
current.
APPLICATIONS
Ground Pin Current: Typically 4mA at 1.5A load
current.
•
Microprocessor Power Supplies
Shutdown Mode: Typically 10nA quiescent current
•
GTL, GTL+, BTL, and SSTL Bus Terminators
when the shutdown pin is pulled low.
•
Power Supplies for DSPs
Adjustable Output Voltage: The output voltage may
•
SCSI Terminator
be programmed via two external resistors.
•
Post Regulators
•
High efficiency linear regulators
•
Battery chargers
•
Other battery powered applications
TYPICAL APPLICATION CIRCUIT
**See Application Hints.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3855ES-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3855ES-ADJ NSC-LP3855ES-ADJ Datasheet
712Kb / 16P
1.5A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3855ES-ADJ/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3882 NSC-LP3882 Datasheet
326Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3855-ADJ NSC-LP3855-ADJ Datasheet
712Kb / 16P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3872 NSC-LP3872 Datasheet
742Kb / 18P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3892EMRX-12 TI1-LP3892EMRX-12 Datasheet
1Mb / 18P
LP3892 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882EMR-12 TI1-LP3882EMR-12 Datasheet
1Mb / 19P
LP3882 1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com