Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-3.3/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-3.3/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-3.3/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3855ES-3.3/NOPB Datasheet HTML 10Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
OUT
GND
LP3855-2.5
COUT*
10 2F
CIN*
INPUT
VOUT
10 2F
SD
SD
**
SENSE
2.5V, 1.5A
3.3V ± 10%
* TANTALUM OR CERAMIC
IN
OUT
IN
GND
LP3852-2.5
COUT*
10 2F
CIN*
INPUT
VOUT
10 2F
ERROR
**
SD
SD
**
ERROR
2.5V, 1.5A
3.3V ± 10%
* TANTALUM OR CERAMIC
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The LP3852 and LP3855 devices can provide 1.5-A output current with 2.5-V to 7-V input. A minimum 10-uF
output capacitor is required for loop stability. An input capacitor of at least 10 µF is required . Pin SD must be
tied to input if not used. For LP3852, ERROR pin should be pulled high through a pullup resistor. For LP3855, if
the sense option is not required , the SENSE pin must be connected to the OUT pin.
10.2 Typical Applications
Figure 18. LP3852 Typical Application
Figure 19. LP3855 Typical Application
10.2.1 Design Requirements
DESIGN PARAMETERS
VALUE
Input voltage
3.3 V, ±10%
Output voltage
2.5 V, ±3%
Output current
1.5 A (maximum)
Input capacitor
10 µF (minimum)
Output capacitor
10 µF (minimum)
ERROR pullup resistor (LP3852 only)
10 k
Ω
10.2.2 Detailed Design Procedure
10.2.2.1 External Capacitors
Like any low dropout regulator, external capacitors are required to assure stability. These capacitors must be
correctly selected for proper performance.
10.2.2.1.1
Input Capacitor
An input capacitor of at least 10 µF is required. Ceramic or tantalum may be used, and capacitance may be
increased without limit.
14
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com