Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-3.3/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-3.3/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-3.3/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3855ES-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 20Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (502s/DIV)
VOUT
100mV/DIV
ILOAD
1A/DIV
TIME (502s/DIV)
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
10.2.2.5 Turnon Characteristics For Output Voltages Programmed to 2 V or Below
As VIN increases during start-up, the regulator output will track the input until VIN reaches the minimum operating
voltage (typically about 2.2 V). For output voltages programmed to 2 V or below, the regulator output may
momentarily exceed its programmed output voltage during start up. Outputs programmed to voltages above 2 V
are not affected by this behavior.
10.2.2.6 Output Noise
Noise is specified in two ways:
•
Spot Noise or Output Noise Density is the RMS sum of all noise sources, measured at the regulator output, at
a specific frequency (measured with a 1-Hz bandwidth). This type of noise is usually plotted on a curve as a
function of frequency.
•
Total Output Noise or Broad-Band Noise is the RMS sum of spot noise over a specified bandwidth, usually
several decades of frequencies.
Attention should be paid to the units of measurement. Spot noise is measured in units µV/
√Hz or nV/√Hz, and
total output noise is measured in µVRMS.
The primary source of noise in low-dropout regulators is the internal reference. In CMOS regulators, noise has a
low frequency component and a high frequency component, which depend strongly on the silicon area and
quiescent current. Noise can be reduced in two ways: by increasing the transistor area or by increasing the
current drawn by the internal reference. Increasing the area will decrease the chance of fitting the die into a
smaller package. Increasing the current drawn by the internal reference increases the total supply current
(ground pin current). Using an optimized trade-off of ground pin current and die size, LP3852 and LP3855
achieve low noise performance and low quiescent-current operation.
The total output noise specification for LP3852 and LP3855 is presented in the Electrical Characteristics table.
The Output noise density at different frequencies is represented by a curve under Typical Characteristics.
10.2.3 Application Curves
CIN = COUT = 10 µF, OSCON
CIN = COUT = 10 µF, Tantalum
Figure 22. Load Transient Response
Figure 23. Load Transient Response
11 Power Supply Recommendations
The LP3852 and LP3855 devices are designed to operate from an input voltage supply range between 2.5 V and
7 V. The input voltage range provides adequate headroom in order for the device to have a regulated output.
This input supply must be well regulated. An input capacitor of at least 10
μF is required.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com