Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-3.3/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-3.3/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-3.3/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3855ES-3.3/NOPB Datasheet HTML 11Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 12Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 13Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 14Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 15Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
MAX. ALLOWABLE CERAMIC
OUTPUT CAPACITANCE (2F)
100
1000
10
100
IL = 1.5A
LOAD CURRENT (A)
STABLE REGION
COUT > 10 PF
0
1
2
.001
.01
0.1
1.0
10
LP3852, LP3855
www.ti.com
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
10.2.2.1.2
Output Capacitor
An output capacitor is required for loop stability. It must be located less than 1 cm from the device and connected
directly to the output and ground pins using traces which have no other currents flowing through them (see
Layout Guidelines).
The minimum amount of output capacitance that can be used for stable operation is 10 µF. For general usage
across all load currents and operating conditions, the part was characterized using a 10-µF tantalum input
capacitor. The minimum and maximum stable equivalent series resistance (ESR) range for the output capacitor
was then measured which kept the device stable, assuming any output capacitor whose value is greater than 10
µF (see Figure 20).
Figure 20. ESR Curve For COUT (with 10-µF Tantalum Input Capacitor)
It should be noted that it is possible to operate the part with an output capacitor whose ESR is below these limits,
assuming that sufficient ceramic input capacitance is provided. This will allow stable operation using ceramic
output capacitors (see Operation with Ceramic Output Capacitors).
10.2.2.2 Operation with Ceramic Output Capacitors
LP385X voltage regulators can operate with ceramic output capacitors if the values of the input and output
capacitors are selected appropriately. The total ceramic output capacitance must be equal to or less than a
specified maximum value in order for the regulator to remain stable over all operating conditions. This maximum
amount of ceramic output capacitance is dependent upon the amount of ceramic input capacitance used as well
as the load current of the application. This relationship is shown in Figure 21, which graphs the maximum stable
value of ceramic output capacitance as a function of ceramic input capacitance for load currents of 1.5 A.
Figure 21. Maximum Ceramic Output Capacitance vs Ceramic Input Capacitance
If the maximum load current is 1.5 A and a 10-µF ceramic input capacitor is used, the regulator will be stable with
ceramic output capacitor values from 10 µF up to about 150 µF. When calculating the total ceramic output
capacitance present in an application, it is necessary to include any ceramic bypass capacitors connected to the
regulator output.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com