Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ES-3.3/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3855ES-3.3/NOPB
Description  1.5-A Fast Response Ultra-Low Dropout Linear Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3855ES-3.3/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3855ES-3.3/NOPB Datasheet HTML 16Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 17Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 18Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 19Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 20Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 21Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 22Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 23Page - Texas Instruments LP3855ES-3.3/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LP3852, LP3855
SNVS174I – FEBRUARY 2003 – REVISED FEBRUARY 2015
www.ti.com
Power Dissipation/Heatsinking (continued)
In this equation, RθCH is the thermal resistance from the case to the surface of the heat sink, and RθJC is the
thermal resistance from the junction to the surface of the case. RθJC is about 3°C/W for a TO-220 package. The
value for RθCH depends on method of attachment, insulator, etc. RθCH varies between 1.5°C/W to 2.5°C/W. If the
exact value is unknown, 2°C/W can be assumed.
12.4.2 Heatsinking TO-263 Package
The TO-263 package uses the copper plane on the PCB as a heatsink. The tab of these packages are soldered
to the copper plane for heat sinking. Figure 26 shows a curve for the RθJA of TO-263 package for different copper
area sizes, using a typical PCB with 1 ounce copper and no solder mask over the copper area for heat sinking.
Figure 26. RθJA vs Copper (1 Ounce) Area for TO-263 package
As shown in the figure, increasing the copper area beyond 1 square inch produces very little improvement. The
minimum value for RθJA for the TO-263 package mounted to a PCB is 32°C/W.
Figure 27 shows the maximum allowable power dissipation for TO-263 packages for different ambient
temperatures, assuming RθJA is 35°C/W and the maximum junction temperature is 125°C.
Figure 27. Maximum Power Dissipation vs Ambient Temperature for TO-263 Package
20
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LP3852 LP3855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com