Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

050_331 Datasheet(PDF) 4 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 4 Page - Glenair, Inc.

  050_331 Datasheet HTML 1Page - Glenair, Inc. 050_331 Datasheet HTML 2Page - Glenair, Inc. 050_331 Datasheet HTML 3Page - Glenair, Inc. 050_331 Datasheet HTML 4Page - Glenair, Inc. 050_331 Datasheet HTML 5Page - Glenair, Inc. 050_331 Datasheet HTML 6Page - Glenair, Inc. 050_331 Datasheet HTML 7Page - Glenair, Inc. 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 4 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
Ratings and Specifications
TABLE 2 ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Storage Temperature
Ts
-55
+100
°C
Supply Voltage
Vcc
-0.4
3.8
V
VccT may not differ by more than
0.5V
TABLE 3 OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Operating Temperature, Case
Top
-40
+85
°C
Supply Voltage
Vcc
3.135
3.3
3.465
V
Supply Current
Icc
180
200
mA
Typical @ +85°C
Power Supply Noise (Peak-Peak)
Vcc_ripple
100
mV
TABLE 4 ELECTRO-OPTICAL CHARACTERISTICS – TRANSMITTER
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical Output Power
POUT
-8
-5
-3
dBm
850nm VCSEL,
1.5Gbps & 2.97Gbps
Extinction Ratio
Er
8
10
dB
1.5Gbps & 2.97Gbps
Optical Wavelength
λ
OUT
830
850
860
nm
Spectral Width, rms
Δλ
0.85
nm
Relative Intensity Noise
RIN
-117
dB/Hz
Timing Jitter
TJ
1
UI
SMPTE 292, 1.5 Gbps, Color bar
Alignment Jitter
AJ
0.2
UI
SMPTE 292, 1.5 Gbps, Color bar
Timing Jitter
TJ
2
UI
SMPTE 424, 2.97Gbps, Color bar
Alignment Jitter
AJ
0.2
UI
SMPTE 424, 2.97Gbps, Color bar
Transmitter Differential Input Impedance
Zin
100
Ohms
AC coupled Internally
Differential Input Voltage
Vin_d
250
2200
mVp-p
CML, 100 ohm
TABLE 5 RESERVED
Parameter
Symbol
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com