Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

050_331 Datasheet(PDF) 5 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 5 Page - Glenair, Inc.

  050_331 Datasheet HTML 1Page - Glenair, Inc. 050_331 Datasheet HTML 2Page - Glenair, Inc. 050_331 Datasheet HTML 3Page - Glenair, Inc. 050_331 Datasheet HTML 4Page - Glenair, Inc. 050_331 Datasheet HTML 5Page - Glenair, Inc. 050_331 Datasheet HTML 6Page - Glenair, Inc. 050_331 Datasheet HTML 7Page - Glenair, Inc. 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 5 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
Ratings and Specifications (continued)
TABLE 6 COMPLIANCE SPECIFICATIONS
CHARACTERISTIC
Standard
Condition
Notes
Mechanical Shock
MIL-STD-810
Para. 516.6, proc. I, 650g
0.9 ms operating
Mechanical Vibration
MIL-STD-810
Para. 514.6, 38g rms
Random, operating
ESD
MIL-STD-883
1000V HBM
Flame Resistance
MIL-STD-1344
Method 1012, Cond. B
30 seconds
Damp Heat
MIL-STD-1344
Method 1002.2, Cond. B
10 cycles , 24 hours
Eye Safety
CDRH and IEC-825
Class 1 Laser Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com