Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

050_331 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050_331 Datasheet HTML 4Page - Glenair, Inc. 050_331 Datasheet HTML 5Page - Glenair, Inc. 050_331 Datasheet HTML 6Page - Glenair, Inc. 050_331 Datasheet HTML 7Page - Glenair, Inc. 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. 050_331 Datasheet HTML 10Page - Glenair, Inc. 050_331 Datasheet HTML 11Page - Glenair, Inc. 050_331 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
The Transmitters provides Class 1 eye safety by design and is compliant with US FDA CDRH AEL Class 1 and EN(IEC)
60825-1,2, EN60950 Class 1. The eye safety circuit continuously monitors optical output power levels and will disable the
transmitter and assert a TX_FAULT signal upon detecting an unsafe condition. Such unsafe conditions can be created by
inputs from the host board (Vcc fluctuation, unbalanced code) or faults within the module.
FUNCTIONAL I/O
The PC board mount dual-transmitter accepts industry standard differential signals such as LVPECL and CML within the
scope of the SFP MSA. To simplify board requirements, transmitter bias resistors and ac coupling capacitors are
incorporated, per SFF-8074i, and hence are not required on the host board. The module is AC-coupled and internally
terminated.
Figure 3 illustrates a recommended interface circuit to link the PC board mount dual-transmitter to the supporting Physical
Layer integrated circuits.
The PC board mount dual-transmitter interfaces with the host circuit board through twenty I/O pins identified by function in
Table 7. The dual-transmitter high speed transmit and receive interfaces require SFP MSA compliant signal lines on the
host board. The TX1_DISABLE, TX2_DISABLE, TX1_FAULT and TX2_FAULT require TTL lines on the host board (per
SFF-8074i) if used. If an application chooses not to take advantage of the functionality of these pins TX1_Disable and
TX2_Disable need to be tied to GND, TX1_Fault , TX2_Fault do not need to be connected.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com