Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

050_331 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 050_331
Description  PC BOARD MOUNT DUAL-TRANSMITTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050_331 Datasheet(HTML) 2 Page - Glenair, Inc.

  050_331 Datasheet HTML 1Page - Glenair, Inc. 050_331 Datasheet HTML 2Page - Glenair, Inc. 050_331 Datasheet HTML 3Page - Glenair, Inc. 050_331 Datasheet HTML 4Page - Glenair, Inc. 050_331 Datasheet HTML 5Page - Glenair, Inc. 050_331 Datasheet HTML 6Page - Glenair, Inc. 050_331 Datasheet HTML 7Page - Glenair, Inc. 050_331 Datasheet HTML 8Page - Glenair, Inc. 050_331 Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
©2014 Glenair, Inc.
REV: C
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 2 of 16
E-mail: sales@glenair.com
050-331 Product Brief
PC Board Mount Dual-Transmitter
3G-SDI and HD-SDI, MMF, 3.3V
PC Board Mount Fiber Optic Dual-Transmitter, 3G-SDI & HD-SDI, MMF, 3.3V
Glenair 050-331, is a ruggedized harsh environment PC Board Mount Dual-transmitter
with electrical and optical functionality similar to transmitters in SFP transceivers but
with mechanical design that is suited to the harsh temperature and vibration
environments found in Military, Aerospace, Railway, Oil and Gas, and Industrial
applications. The board mount optical dual-transmitters also support Digital
Monitoring Interface (DMI) features in accordance with SFF 8472. The dual-transmitter
interfaces with a host board through a high speed electrical connector.
Each transmitter includes a Transmitter Optical Subassembly (TOSA) and laser driver
circuitry. The TOSA, containing an 850 nm VCSEL (Vertical Cavity Surface Emitting
Laser) light source, is located at the optical interface and mates with the GC optical
connector. The TOSA is driven by a laser driver, which converts differential logic
signals into an analog laser diode drive current. This laser driver circuit regulates the
optical power at a constant level provided the data pattern is relatively DC balanced
and can support SMPTE EG 34:2004 Pathological conditions CASE 1, CASE2, and
CASE 3 for HD-SDI and 3G-SDI
HOW TO ORDER
Table 1
Part Number Options
Part Number
Description
050-331-1
HD-SDI, without DMI
050-331-1-D
HD-SDI, with DMI
050-331-2
3G-SDI, without DMI
050-331-2-D
3G-SDI, with DMI
KEY FEATURES/BENEFITS
SMPTE EG 34:2004
Compliant to Pathological
Conditions CASE 1, CASE 2 and CASE 3.
SMPTE ST 297:2006 (3G-SDI & HD-SDI)
SMPTE 424 Compliant (3G-SDI)
SMPTE 292 Compliant (HD-SDI)
SFP Compatible Electrical Input signal levels
850nm VCSEL support 3G-SDI & HD-SDI
Industry standard CML input and outputs that
make for simple integration on customer host PCB
Glenair Rugged GC Optical connector withstand
high shock and vibration
Dual-transmitter is securely mounted with screws
to PCB to ensure excellent shock and vibration
performance
High-Speed Electrical plug-in connector eliminates
the need for soldering & enables ease of servicing
Captive screws to simplify assembly operations
Small: Approx. 0.8” x 0.9” x 0.5”
-40
°C to +85°C Operating Case Temperature
Glenair fiber jumpers, FA02454, connect from
dual-transmitter to any Glenair Mil/Aero Fiber
Optic Connector
Evaluation fixtures available
Optional Digital Diagnostic and Monitoring (DMI)
based on SFF-8472, enables monitoring of:
o
Transmitted optical power for each
channel
o
Laser bias current per laser
o
Temperature
o
Supply voltage
APPLICATIONS
Harsh Environment such as: Airborne, Tactical,
Railway, Industrial, Oil and Gas and Shipboard
applications
o
SMPTE 3G & HD-SDI Video Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com