Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-08/PT Datasheet(PDF) 24 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 24 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 20Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 21Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 22Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 23Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 24Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 25Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 26Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 27Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 240 page
background image
PIC17C4X
DS30412C-page 24
© 1996 Microchip Technology Inc.
5.3
Peripheral Interrupt Request Register
(PIR)
This register contains the individual flag bits for the
peripheral interrupts.
Note:
These bits will be set by the specified con-
dition, even if the corresponding interrupt
enable bit is cleared (interrupt disabled), or
the GLINTD bit is set (all interrupts dis-
abled). Before enabling an interrupt, the
user may wish to clear the interrupt flag to
ensure that the program does not immedi-
ately branch to the peripheral interrupt ser-
vice routine.
FIGURE 5-4: PIR REGISTER (ADDRESS: 16h, BANK 1)
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R/W - 0
R - 1
R - 0
RBIF
TMR3IF TMR2IF TMR1IF
CA2IF
CA1IF
TXIF
RCIF
R = Readable bit
W = Writable bit
-n = Value at POR reset
bit7
bit0
bit 7:
RBIF: PORTB Interrupt on Change Flag bit
1 = One of the PORTB inputs changed (Software must end the mismatch condition)
0 = None of the PORTB inputs have changed
bit 6:
TMR3IF: Timer3 Interrupt Flag bit
If Capture1 is enabled (CA1/PR3 = 1)
1 = Timer3 overflowed
0 = Timer3 did not overflow
If Capture1 is disabled (CA1/PR3 = 0)
1 = Timer3 value has rolled over to 0000h from equalling the period register (PR3H:PR3L) value
0 = Timer3 value has not rolled over to 0000h from equalling the period register (PR3H:PR3L) value
bit 5:
TMR2IF: Timer2 Interrupt Flag bit
1 = Timer2 value has rolled over to 0000h from equalling the period register (PR2) value
0 = Timer2 value has not rolled over to 0000h from equalling the period register (PR2) value
bit 4:
TMR1IF: Timer1 Interrupt Flag bit
If Timer1 is in 8-bit mode (T16 = 0)
1 = Timer1 value has rolled over to 0000h from equalling the period register (PR) value
0 = Timer1 value has not rolled over to 0000h from equalling the period register (PR2) value
If Timer1 is in 16-bit mode (T16 = 1)
1 = TMR1:TMR2 value has rolled over to 0000h from equalling the period register (PR1:PR2) value
0 = TMR1:TMR2 value has not rolled over to 0000h from equalling the period register (PR1:PR2) value
bit 3:
CA2IF: Capture2 Interrupt Flag bit
1 = Capture event occurred on RB1/CAP2 pin
0 = Capture event did not occur on RB1/CAP2 pin
bit 2:
CA1IF: Capture1 Interrupt Flag bit
1 = Capture event occurred on RB0/CAP1 pin
0 = Capture event did not occur on RB0/CAP1 pin
bit 1:
TXIF: USART Transmit Interrupt Flag bit
1 = Transmit buffer is empty
0 = Transmit buffer is full
bit 0:
RCIF: USART Receive Interrupt Flag bit
1 = Receive buffer is full
0 = Receive buffer is empty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com