Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-08/PT Datasheet(PDF) 74 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 74 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 70Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 71Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 72Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 73Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 74Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 75Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 76Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 77Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 240 page
background image
PIC17C4X
DS30412C-page 74
© 1996 Microchip Technology Inc.
12.1.2
TIMER1 & TIMER2 IN 16-BIT MODE
To select 16-bit mode, the T16 bit must be set. In this
mode TMR1 and TMR2 are concatenated to form a
16-bit timer (TMR2:TMR1). The 16-bit timer incre-
ments until it matches the 16-bit period register
(PR2:PR1). On the following timer clock, the timer
value is reset to 0h, and the TMR1IF bit is set.
When selecting the clock source for the16-bit timer, the
TMR1CS bit controls the entire 16-bit timer and
TMR2CS is a “don’t care.” When TMR1CS is clear, the
timer increments once every instruction cycle (Fosc/4).
When TMR1CS is set, the timer increments on every
falling edge of the RB4/TCLK12 pin. For the 16-bit timer
to increment, both TMR1ON and TMR2ON bits must be
set (Table 12-1).
12.1.2.1
EXTERNAL CLOCK INPUT FOR
TMR1:TMR2
When TMR1CS is set, the 16-bit TMR2:TMR1 incre-
ments on the falling edge of clock input TCLK12. The
input on the RB4/TCLK12 pin is sampled and synchro-
nized by the internal phase clocks twice every instruc-
tion cycle. This causes a delay from the time a falling
edge
appears
on
RB4/TCLK12
to
the
time
TMR2:TMR1 is actually incremented. For the external
clock input timing requirements, see the Electrical
Specification section.
TABLE 12-1:
TURNING ON 16-BIT TIMER
TMR2ON
TMR1ON
Result
11
16-bit timer
(TMR2:TMR1) ON
01
Only TMR1 increments
x0
16-bit timer OFF
FIGURE 12-4: TMR1 AND TMR2 IN 16-BIT TIMER/COUNTER MODE
TABLE 12-2:
SUMMARY OF TIMER1 AND TIMER2 REGISTERS
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
16h, Bank 3
TCON1
CA2ED1
CA2ED0
CA1ED1
CA1ED0
T16
TMR3CS TMR2CS TMR1CS 0000 0000
0000 0000
17h, Bank 3
TCON2
CA2OVF
CA1OVF PWM2ON PWM1ON CA1/PR3 TMR3ON TMR2ON TMR1ON 0000 0000
0000 0000
10h, Bank 2
TMR1
Timer1 register
xxxx xxxx
uuuu uuuu
11h, Bank 2
TMR2
Timer2 register
xxxx xxxx
uuuu uuuu
16h, Bank 1
PIR
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TXIF
RCIF
0000 0010
0000 0010
17h, Bank 1
PIE
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TXIE
RCIE
0000 0000
0000 0000
07h, Unbanked
INTSTA
PEIF
T0CKIF
T0IF
INTF
PEIE
T0CKIE
T0IE
INTE
0000 0000
0000 0000
06h, Unbanked
CPUSTA
—
—
STKAV
GLINTD
TO
PD
—
—
--11 11--
--11 qq--
14h, Bank 2
PR1
Timer1 period register
xxxx xxxx
uuuu uuuu
15h, Bank 2
PR2
Timer2 period register
xxxx xxxx
uuuu uuuu
10h, Bank 3
PW1DCL
DC1
DC0
—
—
—
—
—
—
xx-- ----
uu-- ----
11h, Bank 3
PW2DCL
DC1
DC0
TM2PW2
—
—
—
—
—
xx0- ----
uu0- ----
12h, Bank 3
PW1DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
13h, Bank 3
PW2DCH
DC9
DC8
DC7
DC6
DC5
DC4
DC3
DC2
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented read as a '0', q - value depends on condition,
shaded cells are not used by Timer1 or Timer2.
Note 1:
Other (non power-up) resets include: external reset through MCLR and WDT Timer Reset.
RB4/TCLK12
Fosc/4
TMR1ON
(TCON2<0>)
TMR1CS
(TCON1<0>)
TMR1 x 8
PR1 x 8
Reset
Equal
Set Interrupt TMR1IF
(PIR<4>)
1
0
Comparator<8>
Comparator x16
TMR2 x 8
PR2 x 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com