Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-08/PT Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 23Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 24Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 25Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 26Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 27Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 28Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 29Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 30Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 240 page
background image
© 1996 Microchip Technology Inc.
DS30412C-page 27
PIC17C4X
5.9
Context Saving During Interrupts
During an interrupt, only the returned PC value is saved
on the stack. Typically, users may wish to save key reg-
isters during an interrupt; e.g. WREG, ALUSTA and the
BSR registers. This requires implementation in soft-
ware.
Example 5-1 shows the saving and restoring of infor-
mation for an interrupt service routine. The PUSH and
POP routines could either be in each interrupt service
routine or could be subroutines that were called.
Depending on the application, other registers may also
need to be saved, such as PCLATH.
EXAMPLE 5-1:
SAVING STATUS AND WREG IN RAM
;
; The addresses that are used to store the CPUSTA and WREG values
; must be in the data memory address range of 18h - 1Fh. Up to
; 8 locations can be saved and restored using
; the MOVFP instruction. This instruction neither affects the status
; bits, nor corrupts the WREG register.
;
;
PUSH
MOVFP
WREG, TEMP_W
; Save WREG
MOVFP
ALUSTA, TEMP_STATUS
; Save ALUSTA
MOVFP
BSR, TEMP_BSR
; Save BSR
ISR
:
; This is the interrupt service routine
:
POP
MOVFP
TEMP_W, WREG
; Restore WREG
MOVFP
TEMP_STATUS, ALUSTA
; Restore ALUSTA
MOVFP
TEMP_BSR, BSR
; Restore BSR
RETFIE
; Return from Interrupts enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com