Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC17C44-08/PT Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC17C44-08/PT
Description  High-Performance 8-Bit CMOS EPROM/ROM Microcontroller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C44-08/PT Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC17C44-08/PT Datasheet HTML 86Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 87Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 88Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 89Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 90Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 91Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 92Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 93Page - Microchip Technology PIC17C44-08/PT Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 240 page
background image
PIC17C4X
DS30412C-page 90
© 1996 Microchip Technology Inc.
FIGURE 13-5: ASYNCHRONOUS MASTER TRANSMISSION
FIGURE 13-6: ASYNCHRONOUS MASTER TRANSMISSION (BACK TO BACK)
TABLE 13-5:
REGISTERS ASSOCIATED WITH ASYNCHRONOUS TRANSMISSION
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other resets
(Note1)
16h, Bank 1
PIR
RBIF
TMR3IF
TMR2IF
TMR1IF
CA2IF
CA1IF
TXIF
RCIF
0000 0010
0000 0010
13h, Bank 0
RCSTA
SPEN
RX9
SREN
CREN
—
FERR
OERR
RX9D
0000 -00x
0000 -00u
16h, Bank 0
TXREG
Serial port transmit register
xxxx xxxx
uuuu uuuu
17h, Bank 1
PIE
RBIE
TMR3IE
TMR2IE
TMR1IE
CA2IE
CA1IE
TXIE
RCIE
0000 0000
0000 0000
15h, Bank 0
TXSTA
CSRC
TX9
TXEN
SYNC
—
—
TRMT
TX9D
0000 --1x
0000 --1u
17h, Bank 0
SPBRG
Baud rate generator register
xxxx xxxx
uuuu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented read as a '0', shaded cells are not used for asynchronous
transmission.
Note 1:
Other (non power-up) resets include: external reset through MCLR and Watchdog Timer Reset.
Word 1
Stop Bit
Word 1
Transmit Shift Reg
Start Bit
Bit 0
Bit 1
Bit 7/8
Write to TXREG
Word 1
BRG output
(shift clock)
TX
TXIF bit
TRMT bit
(RA5/TX/CK pin)
Transmit Shift Reg.
Write to TXREG
BRG output
(shift clock)
TX
TXIF bit
TRMT bit
Word 1
Word 2
Word 1
Word 2
Start Bit
Stop Bit
Start Bit
Transmit Shift Reg.
Word 1
Word 2
Bit 0
Bit 1
Bit 7/8
Bit 0
Note: This timing diagram shows two consecutive transmissions.
(RA5/TX/CK pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com