Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/P Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC16LC71-04E/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/P Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC16LC71-04E/P Datasheet HTML 44Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 45Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 46Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 47Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 48Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 49Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 50Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 51Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 176 page
background image
PIC16C71X
DS30272A-page 48
© 1997 Microchip Technology Inc.
FIGURE 8-2:
CONFIGURATION WORD, PIC16C710/711
FIGURE 8-3:
CONFIGURATION WORD, PIC16C715
CP0
CP0
CP0
CP0
CP0
CP0
CP0
BODEN
CP0
CP0
PWRTE WDTE FOSC1 FOSC0
Register:
CONFIG
Address
2007h
bit13
bit0
bit 13-7 CP0: Code protection bits (2)
5-4: 1 = Code protection off
0 = All memory is code protected, but 00h - 3Fh is writable
bit 6:
BODEN: Brown-out Reset Enable bit (1)
1 = BOR enabled
0 = BOR disabled
bit 3:
PWRTE: Power-up Timer Enable bit (1)
1 = PWRT disabled
0 = PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1:
Enabling Brown-out Reset automatically enables Power-up Timer (PWRT) regardless of the value of bit PWRTE.
Ensure the Power-up Timer is enabled anytime Brown-out Reset is enabled.
2:
All of the CP0 bits have to be given the same value to enable the code protection scheme listed.
CP1
CP0
CP1
CP0
CP1
CP0 MPEEN BODEN
CP1
CP0
PWRTE WDTE FOSC1 FOSC0
Register:
CONFIG
Address
2007h
bit13
bit0
bit 13-8
CP1:CP0: Code Protection bits (2)
5-4:
11
= Code protection off
10
= Upper half of program memory code protected
01
= Upper 3/4th of program memory code protected
00
= All memory is code protected
bit 7:
MPEEN: Memory Parity Error Enable
1 = Memory Parity Checking is enabled
0 = Memory Parity Checking is disabled
bit 6:
BODEN: Brown-out Reset Enable bit (1)
1 = BOR enabled
0 = BOR disabled
bit 3:
PWRTE: Power-up Timer Enable bit (1)
1 = PWRT disabled
0 = PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1 = WDT enabled
0 = WDT disabled
bit 1-0:
FOSC1:FOSC0: Oscillator Selection bits
11
= RC oscillator
10
= HS oscillator
01
= XT oscillator
00
= LP oscillator
Note 1:
Enabling Brown-out Reset automatically enables Power-up Timer (PWRT) regardless of the value of bit PWRTE.
Ensure the Power-up Timer is enabled anytime Brown-out Reset is enabled.
2:
All of the CP1:CP0 pairs have to be given the same value to enable the code protection scheme listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com