Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/P Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16LC71-04E/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16LC71-04E/P Datasheet HTML 12Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 13Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 14Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 15Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 16Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 17Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 18Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 19Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 176 page
background image
PIC16C71X
DS30272A-page 16
© 1997 Microchip Technology Inc.
Bank 1
80h(1)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
0000 0000
81h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h(1)
PCL
Program Counter's (PC) Least Significant Byte
0000 0000
0000 0000
83h(1)
STATUS
IRP(4)
RP1(4)
RP0
TO
PD
Z
DC
C
0001 1xxx
000q quuu
84h(1)
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISA
—
—
PORTA Data Direction Register
--11 1111
--11 1111
86h
TRISB
PORTB Data Direction Register
1111 1111
1111 1111
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah(1,2)
PCLATH
—
—
—
Write Buffer for the upper 5 bits of the PC
---0 0000
---0 0000
8Bh(1)
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
0000 000u
8Ch
PIE1
—
ADIE
—
—
—
—
—
—
-0-- ----
-0-- ----
8Dh
—
Unimplemented
—
—
8Eh
PCON
MPEEN
—
—
—
—
PER
POR
BOR
u--- -1qq
u--- -1uu
8Fh
—
Unimplemented
—
—
90h
—
Unimplemented
—
—
91h
—
Unimplemented
—
—
92h
—
Unimplemented
—
—
93h
—
Unimplemented
—
—
94h
—
Unimplemented
—
—
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
—
Unimplemented
—
—
99h
—
Unimplemented
—
—
9Ah
—
Unimplemented
—
—
9Bh
—
Unimplemented
—
—
9Ch
—
Unimplemented
—
—
9Dh
—
Unimplemented
—
—
9Eh
—
Unimplemented
—
—
9Fh
ADCON1
—
—
—
—
—
—
PCFG1
PCFG0
---- --00
---- --00
TABLE 4-2:
PIC16C715 SPECIAL FUNCTION REGISTER SUMMARY (Cont.’d)
Address Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR, PER
Value on all
other resets
(3)
Legend: x = unknown, u = unchanged, q = value depends on condition, - = unimplemented read as '0'.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
These registers can be addressed from either bank.
2:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> whose
contents are transferred to the upper byte of the program counter.
3:
Other (non power-up) resets include external reset through MCLR and Watchdog Timer Reset.
4:
The IRP and RP1 bits are reserved on the PIC16C715, always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com