Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16LC71-04E/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16LC71-04E/P Datasheet HTML 5Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 6Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 7Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 8Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 9Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 10Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 11Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 12Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 9
PIC16C71X
TABLE 3-1:
PIC16C710/71/711/715 PINOUT DESCRIPTION
Pin Name
DIP
Pin#
SSOP
Pin#(4)
SOIC
Pin#
I/O/P
Type
Buffer
Type
Description
OSC1/CLKIN
16
18
16
I
ST/CMOS(3) Oscillator crystal input/external clock source input.
OSC2/CLKOUT
15
17
15
O
—
Oscillator crystal output. Connects to crystal or resonator in crystal
oscillator mode. In RC mode, OSC2 pin outputs CLKOUT which has
1/4 the frequency of OSC1, and denotes the instruction cycle rate.
MCLR/VPP
4
4
4
I/P
ST
Master clear (reset) input or programming voltage input. This pin is
an active low reset to the device.
PORTA is a bi-directional I/O port.
RA0/AN0
17
19
17
I/O
TTL
RA0 can also be analog input0
RA1/AN1
18
20
18
I/O
TTL
RA1 can also be analog input1
RA2/AN2
1
1
1
I/O
TTL
RA2 can also be analog input2
RA3/AN3/VREF
2
2
2
I/O
TTL
RA3 can also be analog input3 or analog reference voltage
RA4/T0CKI
3
3
3
I/O
ST
RA4 can also be the clock input to the Timer0 module. Output is
open drain type.
PORTB is a bi-directional I/O port. PORTB can be software pro-
grammed for internal weak pull-up on all inputs.
RB0/INT
6
7
6
I/O
TTL/ST(1)
RB0 can also be the external interrupt pin.
RB1
7
8
7
I/O
TTL
RB2
8
9
8
I/O
TTL
RB3
9
10
9
I/O
TTL
RB4
10
11
10
I/O
TTL
Interrupt on change pin.
RB5
11
12
11
I/O
TTL
Interrupt on change pin.
RB6
12
13
12
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming clock.
RB7
13
14
13
I/O
TTL/ST(2)
Interrupt on change pin. Serial programming data.
VSS
5
4, 6
5
P
—
Ground reference for logic and I/O pins.
VDD
14
15, 16
14
P
—
Positive supply for logic and I/O pins.
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in serial programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.
4:
The PIC16C71 is not available in SSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com