Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LC71-04E/P Datasheet(PDF) 93 Page - Microchip Technology

Part # PIC16LC71-04E/P
Description  8-Bit CMOS Microcontrollers with A/D Converter
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LC71-04E/P Datasheet(HTML) 93 Page - Microchip Technology

Back Button PIC16LC71-04E/P Datasheet HTML 89Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 90Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 91Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 92Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 93Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 94Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 95Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 96Page - Microchip Technology PIC16LC71-04E/P Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 176 page
background image
© 1997 Microchip Technology Inc.
DS30272A-page 93
PIC16C71X
Applicable Devices
710 71 711 715
Output Low Voltage
D080
I/O ports
VOL
-
-
0.6
V
IOL = 8.5 mA, VDD = 4.5V,
-40
°C to +85°C
D080A
-
-
0.6
V
IOL = 7.0 mA, VDD = 4.5V,
-40
°C to +125°C
D083
OSC2/CLKOUT (RC osc config)
-
-
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
-40
°C to +85°C
D083A
-
-
0.6
V
IOL = 1.2 mA, VDD = 4.5V,
-40
°C to +125°C
Output High Voltage
D090
I/O ports (Note 3)
VOH VDD - 0.7 -
-
V
IOH = -3.0 mA, VDD = 4.5V,
-40
°C to +85°C
D090A
VDD - 0.7 -
-
V
IOH = -2.5 mA, VDD = 4.5V,
-40
°C to +125°C
D092
OSC2/CLKOUT (RC osc config)
VDD - 0.7 -
-
V
IOH = -1.3 mA, VDD = 4.5V,
-40
°C to +85°C
D092A
VDD - 0.7 -
-
V
IOH = -1.0 mA, VDD = 4.5V,
-40
°C to +125°C
D130*
Open-Drain High Voltage
VOD
-
-
14
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
-
-
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1.
D101
All I/O pins and OSC2 (in RC mode)
CIO
-
-
50
pF
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0˚C
≤ TA ≤ +70˚C (commercial)
-40˚C
≤ TA ≤ +85˚C (industrial)
-40˚C
≤ TA ≤ +125˚C (extended)
Operating voltage VDD range as described in DC spec Section 11.1 and
Section 11.2.
Param
No.
Characteristic
Sym
Min
Typ
†
Max
Units
Conditions
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C7X be driven with external clock in RC mode.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com