Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSN011NE2LSI Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSN011NE2LSI
Description  Optimized for high performance Buck converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSN011NE2LSI Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSN011NE2LSI Datasheet HTML 1Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 2Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 3Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 4Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 5Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 6Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 7Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 8Page - Infineon Technologies AG BSN011NE2LSI Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BSN011NE2LSI
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3.2 V
3.5 V
4 V
4.5 V
5 V
7 V
8 V
10 V
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
I
D [A]
25 °C
150 °C
0
80
160
240
320
400
0
1
2
3
4
5
V
GS [V]
0
80
160
240
320
400
0
40
80
120
160
I
D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
100
200
300
400
500
600
700
800
0
1
2
3
V
DS [V]
Rev. 2.0
page 5
2014-05-23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com