Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC2M32B2 Datasheet(PDF) 2 Page - Micron Technology

Part # MT48LC2M32B2
Description  SYNCHRONOUS DRAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M32B2 Datasheet(HTML) 2 Page - Micron Technology

  MT48LC2M32B2 Datasheet HTML 1Page - Micron Technology MT48LC2M32B2 Datasheet HTML 2Page - Micron Technology MT48LC2M32B2 Datasheet HTML 3Page - Micron Technology MT48LC2M32B2 Datasheet HTML 4Page - Micron Technology MT48LC2M32B2 Datasheet HTML 5Page - Micron Technology MT48LC2M32B2 Datasheet HTML 6Page - Micron Technology MT48LC2M32B2 Datasheet HTML 7Page - Micron Technology MT48LC2M32B2 Datasheet HTML 8Page - Micron Technology MT48LC2M32B2 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
2
64Mb: x32 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
64MSDRAMx32_5.p65 – Rev. B; Pub. 6/02
©2002, Micron Technology, Inc.
64Mb: x32
SDRAM
The SDRAM provides for programmable READ or
WRITE burst lengths of 1, 2, 4, or 8 locations, or the full
page, with a burst terminate option. An auto precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst se-
quence.
The 64Mb SDRAM uses an internal pipelined archi-
tecture to achieve high-speed operation. This archi-
tecture is compatible with the 2n rule of prefetch archi-
tectures, but it also allows the column address to be
changed on every clock cycle to achieve a high-speed,
fully random access. Precharging one bank while ac-
cessing one of the other three banks will hide the
precharge cycles and provide seamless, high-speed,
random-access operation.
The 64Mb SDRAM is designed to operate in 3.3V,
low-power memory systems. An auto refresh mode is
provided, along with a power-saving, power-down
mode. All inputs and outputs are LVTTL-compatible.
SDRAMs offer substantial advances in DRAM oper-
ating performance, including the ability to synchro-
nously burst data at a high data rate with automatic
column-address generation, the ability to interleave
between internal banks to hide precharge time and
the capability to randomly change column addresses
on each clock cycle during a burst access.
GENERAL DESCRIPTION
The 64Mb SDRAM is a high-speed CMOS, dynamic
random-access memory containing 67,108,864-bits. It
is internally configured as a quad-bank DRAM with a
synchronous interface (all signals are registered on the
positive edge of the clock signal, CLK). Each of the
16,777,216-bit banks is organized as 2,048 rows by 256
columns by 32 bits.
Read and write accesses to the SDRAM are burst
oriented; accesses start at a selected location and con-
tinue for a programmed number of locations in a pro-
grammed sequence. Accesses begin with the registra-
tion of an ACTIVE command, which is then followed by
a READ or WRITE command. The address bits regis-
tered coincident with the ACTIVE command are used
to select the bank and row to be accessed (BA0, BA1
select the bank, A0-A10 select the row). The address
bits registered coincident with the READ or WRITE com-
mand are used to select the starting column location
for the burst access.
64Mb (x32) SDRAM PART NUMBER
PART NUMBER
ARCHITECTURE
MT48LC2M32B2TG
2 Meg x 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com