Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC2M32B2 Datasheet(PDF) 21 Page - Micron Technology

Part # MT48LC2M32B2
Description  SYNCHRONOUS DRAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M32B2 Datasheet(HTML) 21 Page - Micron Technology

Back Button MT48LC2M32B2 Datasheet HTML 17Page - Micron Technology MT48LC2M32B2 Datasheet HTML 18Page - Micron Technology MT48LC2M32B2 Datasheet HTML 19Page - Micron Technology MT48LC2M32B2 Datasheet HTML 20Page - Micron Technology MT48LC2M32B2 Datasheet HTML 21Page - Micron Technology MT48LC2M32B2 Datasheet HTML 22Page - Micron Technology MT48LC2M32B2 Datasheet HTML 23Page - Micron Technology MT48LC2M32B2 Datasheet HTML 24Page - Micron Technology MT48LC2M32B2 Datasheet HTML 25Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21
64Mb: x32 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
64MSDRAMx32_5.p65 – Rev. B; Pub. 6/02
©2002, Micron Technology, Inc.
64Mb: x32
SDRAM
Fixed-length or full-page WRITE bursts can be trun-
cated with the BURST TERMINATE command. When
truncating a WRITE burst, the input data applied coin-
cident with the BURST TERMINATE command will be
ignored. The last data written (provided that DQM is
LOW at that time) will be the input data applied one
clock previous to the BURST TERMINATE command.
This is shown in Figure 19, where data n is the last
desired data element of a longer burst.
Figure 21
Power-Down
DON’T CARE
tRAS
tRCD
tRC
All banks idle
Input buffers gated off
Exit power-down mode.
(
)
(
)
(
)
(
)
(
)
(
)
tCKS
> tCKS
COMMAND
NOP
ACTIVE
Enter power-down mode.
NOP
CLK
CKE
(
)
(
)
(
)
(
)
Figure 20
PRECHARGE Command
Figure 19
Terminating a WRITE Burst
CLK
DQ
T2
T1
T0
COMMAND
ADDRESS
BANK,
COL n
WRITE
BURST
TERMINATE
NEXT
COMMAND
DIN
n
(ADDRESS)
(DATA)
NOTE: DQMs are LOW.
PRECHARGE
The PRECHARGE command (Figure 20) is used to
deactivate the open row in a particular bank or the
open row in all banks. The bank(s) will be available for
a subsequent row access some specified time (tRP) af-
ter the PRECHARGE command is issued. Input A10
determines whether one or all banks are to be
precharged, and in the case where only one bank is to
be precharged, inputs BA0 and BA1 select the bank.
When all banks are to be precharged, inputs BA0 and
BA1 are treated as “Don’t Care.” Once a bank has been
precharged, it is in the idle state and must be activated
prior to any READ or WRITE commands being issued to
that bank.
POWER-DOWN
Power-down occurs if CKE is registered LOW coinci-
dent with a NOP or COMMAND INHIBIT when no ac-
cesses are in progress (see Figure 21). If power-down
occurs when all banks are idle, this mode is referred to
as precharge power-down; if power-down occurs when
there is a row active in either bank, this mode is referred
to as active power-down. Entering power-down deacti-
vates the input and output buffers, excluding CKE, for
maximum power savings while in standby. The device
may not remain in the power-down state longer than
the refresh period (64ms) since no refresh operations
are performed in this mode.
The power-down state is exited by registering a NOP
or COMMAND INHIBIT and CKE HIGH at the desired
clock edge (meeting tCKS).
CS#
WE#
CAS#
RAS#
CKE
CLK
A10
HIGH
All Banks
Bank Selected
A0–A9
BA0, 1
BANK
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com