Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC2M32B2 Datasheet(PDF) 5 Page - Micron Technology

Part # MT48LC2M32B2
Description  SYNCHRONOUS DRAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M32B2 Datasheet(HTML) 5 Page - Micron Technology

  MT48LC2M32B2 Datasheet HTML 1Page - Micron Technology MT48LC2M32B2 Datasheet HTML 2Page - Micron Technology MT48LC2M32B2 Datasheet HTML 3Page - Micron Technology MT48LC2M32B2 Datasheet HTML 4Page - Micron Technology MT48LC2M32B2 Datasheet HTML 5Page - Micron Technology MT48LC2M32B2 Datasheet HTML 6Page - Micron Technology MT48LC2M32B2 Datasheet HTML 7Page - Micron Technology MT48LC2M32B2 Datasheet HTML 8Page - Micron Technology MT48LC2M32B2 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
64Mb: x32 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
64MSDRAMx32_5.p65 – Rev. B; Pub. 6/02
©2002, Micron Technology, Inc.
64Mb: x32
SDRAM
PIN DESCRIPTIONS
PIN NUMBERS
SYMBOL
TYPE
DESCRIPTION
68
CLK
Input
Clock: CLK is driven by the system clock. All SDRAM input signals are
sampled on the positive edge of CLK. CLK also increments the internal burst
counter and controls the output registers.
67
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CLK signal.
Deactivating the clock provides PRECHARGE POWER-DOWN and SELF REFRESH
operation (all banks idle), ACTIVE POWER-DOWN (row active in any bank) or
CLOCK SUSPEND operation (burst/access in progress). CKE is synchronous
except after the device enters power-down and self refresh modes, where
CKE becomes asynchronous until after exiting the same mode. The input
buffers, including CLK, are disabled during power-down and self refresh
modes, providing low standby power. CKE may be tied HIGH.
20
CS#
Input
Chip Select: CS# enables (registered LOW) and disables (registered HIGH) the
command decoder. All commands are masked when CS# is registered HIGH.
CS# provides for external bank selection on systems with multiple banks.
CS# is considered part of the command code.
17, 18, 19
WE#, CAS#,
Input
Command Inputs: WE# , CAS#, and RAS# (along with CS#) define the
RAS#
commandbeingentered.
16, 71, 28, 59
DQM0-
Input
Input/Output Mask: DQM is sampled HIGH and is an input mask signal
DQM3
for write accesses and an output enable signal for read accesses. Input data
is masked during a WRITE cycle. The output buffers are placed in a High-Z
state (two-clock latency) during a READ cycle. DQM0 corresponds to DQ0-
DQ7; DQM1 corresponds to DQ8-DQ15; DQM2 corresponds to DQ16-DQ23;
and DQM3 corresponds to DQ24-DQ31. DQM0-DQM3 are considered same
state when referenced as DQM.
22, 23
BA0,BA1
Input
Bank Address Input(s): BA0 and BA1 define to which bank the ACTIVE, READ,
WRITE or PRECHARGE command is being applied.
25-27, 60-66, 24
A0-A10
Input
Address Inputs: A0-A10 are sampled during the ACTIVE command (row-
address A0-A10) and READ/WRITE command (column-address A0-A7 with A10
defining auto precharge) to select one location out of the memory array in
the respective bank. A10 is sampled during a PRECHARGE command to
determine if all banks are to be precharged (A10 HIGH) or bank selected by
BA0, BA1 (LOW). The address inputs also provide the op-code during a LOAD
MODEREGISTERcommand.
2, 4, 5, 7, 8, 10, 11, 13,
DQ0-DQ31
Input/
Data I/Os: Data bus.
74, 76, 77, 79, 80, 82, 83,
Output
85, 31, 33, 34, 36, 37, 39,
40, 42, 45, 47, 48, 50, 51,
53, 54, 56
14, 21, 30, 57, 69, 70, 73
NC
No Connect: These pins should be left unconnected. Pin 70 is reserved
for SSTL reference voltage supply.
3, 9, 35, 41, 49, 55, 75, 81
VDDQ
Supply
DQ Power Supply: Isolated on the die for improved noise immunity.
6, 12, 32, 38, 46, 52, 78, 84
VSSQ
Supply
DQ Ground: Provide isolated ground to DQs for improved noise immunity.
1, 15, 29, 43
VDD
Supply
Power Supply: +3.3V ±0.3V. (See note 27 on page 35.)
44, 58, 72, 86
VSS
Supply
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com