Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT48LC2M32B2 Datasheet(PDF) 40 Page - Micron Technology

Part # MT48LC2M32B2
Description  SYNCHRONOUS DRAM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT48LC2M32B2 Datasheet(HTML) 40 Page - Micron Technology

Back Button MT48LC2M32B2 Datasheet HTML 36Page - Micron Technology MT48LC2M32B2 Datasheet HTML 37Page - Micron Technology MT48LC2M32B2 Datasheet HTML 38Page - Micron Technology MT48LC2M32B2 Datasheet HTML 39Page - Micron Technology MT48LC2M32B2 Datasheet HTML 40Page - Micron Technology MT48LC2M32B2 Datasheet HTML 41Page - Micron Technology MT48LC2M32B2 Datasheet HTML 42Page - Micron Technology MT48LC2M32B2 Datasheet HTML 43Page - Micron Technology MT48LC2M32B2 Datasheet HTML 44Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
40
64Mb: x32 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
64MSDRAMx32_5.p65 – Rev. B; Pub. 6/02
©2002, Micron Technology, Inc.
64Mb: x32
SDRAM
SELF REFRESH MODE
*CAS latency indicated in parentheses.
-5
-6
-7
SYMBOL*
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tCKH
1
1
1
ns
tCKS
1.5
1.5
2
ns
tCMH
111
ns
tCMS
1.5
1.5
2
ns
tRAS
38.7
120,000
42
120,000
42
120,000
ns
tRP
15
18
20
ns
tXSR
55
70
70
ns
TIMING PARAMETERS
-5
-6
-7
SYMBOL*
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
tAH
111
ns
tAS
1.5
1.5
2
ns
tCH
2
2.5
2.75
ns
tCL
2
2.5
2.75
ns
tCK (3)
5
6
7
ns
tCK (2)
10
10
ns
tCK (1)
20
20
ns
tCH
tCL
tCK
tRP
CKE
CLK
DQ
Enter self refresh mode
Precharge all
active banks
tXSR
CLK stable prior to exiting
self refresh mode
Exit self refresh mode
(Restart refresh time base)
(
)
(
)
(
)
(
)
(
)
(
)
DON’T CARE
UNDEFINED
COMMAND
tCMH
tCMS
AUTO
REFRESH
PRECHARGE
NOP
NOP
BANK(S)
High-Z
tCKS
AH
AS
AUTO
REFRESH
> tRAS
tCKH
tCKS
t
t
tCKS
ALL BANKS
SINGLE BANK
A10
T0
T1
T2
Tn + 1
To + 1
To + 2
BA0, BA1
DQM 0-3
A0-A9
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)
(
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com