Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95235DIMM/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM95235DIMM/NOPB
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235DIMM/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM95235DIMM/NOPB Datasheet HTML 21Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 22Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 23Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 24Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 25Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 26Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 27Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 28Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
MMBT3904
LM95235
100 pF
PROCESSOR
IR
IF
IC
IR
IE = IF
LM95235
100 pF
2
2
3
3
D+
D+
D-
D-
=
T
q x
'
BE
V
x k
K
x ln
¸¸
¹
·
¨¨
©
§ I 2
C
I 1
C
¸¸
¹
·
¨¨
©
§
T =
q x
'VBE
K x k x ln
IF2
IF1
¹
·
©
§
x
¹
·
©
§
x
=
ln
q
kT
K
'VBE
IF2
IF1
LM95235
LM95235-Q1
www.ti.com
SNIS142F – APRIL 2006 – REVISED MARCH 2013
(3)
Solving Equation 3 for temperature yields:
(4)
Equation 4 holds true when a diode connected transistor such as the MMBT3904 is used. When this “diode”
equation is applied to an integrated diode such as a processor transistor with its collector tied to GND as shown
in Figure 18 it will yield a wide non-ideality spread. This wide non-ideality spread is not due to true process
variation but due to the fact that Equation 4 is an approximation.
TruTherm technology uses the transistor equation, Equation 5, which is a more accurate representation of the
topology of the thermal diode found in an FPGA or processor.
(5)
Figure 18. Thermal Diode Current Paths
TruTherm should only be enabled when measuring the temperature of a transistor integrated as shown in the
processor of Figure 18, because Equation 5 only applies to this topology.
Calculating Total System Accuracy
The voltage seen by the LM95235 also includes the IFRS voltage drop of the series resistance. The non-ideality
factor,
η, is the only other parameter not accounted for and depends on the diode that is used for measurement.
Since
ΔVBE is proportional to both η and T, the variations in η cannot be distinguished from variations in
temperature. Since the non-ideality factor is not controlled by the temperature sensor, it will directly add to the
inaccuracy of the sensor. For the for Intel processor on 65nm process, Intel specifies a +4.06%/-0.897% variation
in
η from part to part when the processor diode is measured by a circuit that assumes diode equation,
Equation 4, as true. As an example, assume a temperature sensor has an accuracy specification of ±1.0°C at a
temperature of 80°C (353 Kelvin) and the processor diode has a non-ideality variation of +1.19%/-0.27%. The
resulting system accuracy of the processor temperature being sensed will be:
TACC = + 1.0°C + (+4.06% of 353 K) = +15.3°C
(6)
and
TACC = - 1.0°C + (-0.89% of 353 K) = -4.1°C
(7)
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM95235 LM95235-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com