Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95235DIMM/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM95235DIMM/NOPB
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235DIMM/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM95235DIMM/NOPB Datasheet HTML 17Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 18Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 19Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 20Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 21Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 22Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 23Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 24Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LM95235
LM95235-Q1
www.ti.com
SNIS142F – APRIL 2006 – REVISED MARCH 2013
GENERAL CONFIGURATION REGISTERS
Table 21. Configuration Register 1
(Read/write Address 03h/09h or 09h/03h):
D7
D6
D5
D4
D3
D2
D1
D0
0
STOP/RUN
0
Remote T_CRIT Mask
Remote OS Mask
Local T_CRIT Mask
Local OS Mask
0
Bits
Name
Description
7
Reserved
Reports "0" when read.
0: Active / Converting
6
STOP/RUN
1: Standby
5
Reserved
Reports "0" when read.
0: Off
4
Remote T_CRIT Mask
1: On
0: Off
3
Remote OS Mask
1: On
0: Off
2
Local T_CRIT Mask
1: On
0: Off
1
Local OS Mask
1: On
0
Reserved
Reports "0" when read.
Power up default is 00h.
Table 22. Conversion Rate Register
(Read/write Address 04h/0Ah or 0Ah/04h):
2-bit format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0
0
0
0
0
0
MSb
LSb
Bits
Name
Description
7:2
Reserved
Reports "0" when read.
00: Continuous (33 ms typical when remote diode is missing or fault or 63 ms typical
with remote diode connected)
1:0
Conversion Rate
01: 0.364 seconds
10: 1 second
11: 2.5 seconds
Power up default is 02h (1 second).
Table 23. One Shot Register
(Write Only Address 0Fh):
Writing to this register will start one conversion if the device is in standby mode (i.e. STOP/RUN bit = 1).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM95235 LM95235-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com