Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95235DIMM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM95235DIMM/NOPB
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235DIMM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM95235DIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Control
Logic
Local
Temp
Registers
Remote
Temp
Registers
SMBus Serial Interface
6 ' Converter
3.0V-3.6V
SMBDAT
SMBCLK
Limit &
Hyst
Registers
General
Config
Registers
Status
Registers
Remote
Diode
Selector
D+
D-
Local
Diode Selector
LM95235
Temperature
Sensor
Circuitry
-
+
-
+
T_CRIT
ID
Registers
TruTherm &
Diode Config
Registers
OS/A0
1
4
6
7
8
5
2
3
LM95235
SMBCLK
SMBDAT
VDD
D-
1
2
3
4
5
6
7
8
GND
OS/A0
D+
T_CRIT
LM95235
LM95235-Q1
SNIS142F – APRIL 2006 – REVISED MARCH 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM95235 has a three-level address pin to connect up to 3 devices to the same SMBus master, that is
shared with the OS output. The LM95235 has a programmable conversion rate register and a standby mode to
save power. One conversion can be triggered in standby mode by writing to the one-shot register.
Connection Diagram
Top View
Figure 1. VSSOP-8 Package
See package number DGK0008A
Simplified Block Diagram
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95235 LM95235-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com