Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM95235DIMM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM95235DIMM/NOPB
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235DIMM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM95235DIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM95235DIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
GND
PIN
D1
V+
6.5V
D3
ESD
CLAMP
D2
SNP
GND
D1
PIN
LM95235
LM95235-Q1
SNIS142F – APRIL 2006 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage, VDD
-0.3V to 6.0V
Voltage at SMBDAT, SMBCLK, T_CRIT, OS/A0 Pins
-0.5V to 6.0V
Voltage at Other Pins
(VDD +0.3V)
Input Current at D- Pin (2)
±1 mA
Input Current at All Other Pins(2)
±5 mA
Output Sink Current, SMBDAT, T_Crit, OS Pins
10 mA
Package Input Current (2)
30 mA
Human Body Model
2500V
ESD Susceptibility(3)
Machine Model
250V
Charged Device Model
1000V
Junction Temperature(4)
+125°C
Storage Temperature
-65°C to +150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5
mA. Parasitic components and or ESD protection circuitry are shown in the figures in Table 2 for the LM95235's pins. Care should be
taken not to forward bias the parasitic diodes on pins 2 and 3. Doing so by more than 50 mV may corrupt the temperature
measurements. SNP refers to Snap-back device.
(3)
Human body model (HBM) is a charged 100 pF capacitor discharged into a 1.5 k
Ω resistor. Machine model (MM), is a charged 200 pF
capacitor discharged directly into each pin. Charged Device Model (CDM) simulates a pin slowly acquiring charge (such as from a
device sliding down the feeder in an automated assembler) then rapidly being discharged.
(4)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 1 oz. foil and no airflow is:
θJA for VSSOP-8
package = 210°C/W
Table 2. ESD Protection
Pin No.
Label
Circuit
Pin ESD Protection Structure Circuits
1
VDD
A
2
D+
A
3
D-
A
4
T_CRIT
B
5
GND
A
6
OS/A0
B
Circuit B
7
SMBDAT
B
Circuit A
8
SMBCLK
B
Operating Ratings
(1)
Operating Temperature Range
-40°C to +125°C
LM95235CIMM
0°C
≤ TA ≤ +90°C
LM95235DIMM
-40°C
≤ TA ≤ +90°C
Electrical Characteristics Temperature Range, TMIN ≤ TA ≤ TMAX
LM95235EIMM
-40°C
≤ TA ≤ +90°C
LM95235QEIMM
-40°C
≤ TA ≤ +85°C
Supply Voltage (VDD)
+3.0V to +3.6V
Soldering process must comply with Reflow Temperature Profile specifications. Refer to http://www.ti.com/packaging.(2)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
Reflow temperature profiles are different for packages containing lead (Pb) than for those that do not.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95235 LM95235-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com