Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2003ACSE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2003ACSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003ACSE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2003ACSE Datasheet HTML 9Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 10Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 11Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 12Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 13Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 14Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 15Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 16Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
3) Select Sense Resistor. The sense resistor deter-
mines the rate at which the battery is fast-charged. The
sense pin, SNS, has an average voltage of 235mV (see
Detailed Description) and, since the charge current
(IFAST) is known from above, the resistor can be calcu-
lated by:
RSNS = VSNS / IFAST = 0.235 / IFAST
In this example, a fast-charge current of 1.7A requires
a sense resistor of about 0.14
Ω (1 watt).
4) Select TM1 and TM2. Once the charge rate is
determined, Table 4 can be used to select the TM1 and
TM2 inputs. TM1 and TM2 set the safety timeout, hold-
off time, and top-off enable (see
Fast-Charge
Termination section in the Detailed Description).
In Figure 1, a fast-charge rate of C with top-off would
require TM1 to be GND and TM2 to be VCC.
5) Select RB1 and RB2. The MAX2003A requires the
user to select RB1 and RB2 to indicate the number of
cells in the battery. The total resistance value (RB1 +
RB2) should be between 100kΩ and 500kΩ to prevent
any problems with noise. In Figure 1 (with six cells) RB1
is selected to be 100k
Ω and, from the following equation:
RB2 = RB1 / (Number of Cells - 1) = 100kΩ / (6 - 1)
RB2 can be calculated to be 20kΩ.
6) Select Temperature-Control Components. Most
sealed rechargeable battery packs have a built-in ther-
mistor to prevent air currents from corrupting the accurate
temperature measurements. The thermistor size and tem-
perature characteristics can be obtained from the bat-
tery-pack manufacturer, to help in designing the rest of
the circuit. Three-terminal battery packs that incorporate
a thermistor generally share a common connection for the
thermistor and the battery negative terminal. Large charg-
ing currents may produce voltage drops across the com-
mon negative connector, causing errors in thermistor
readings. Using separate contacts for the thermistor
ground sense and the battery ground sense at the nega-
tive battery terminal will reduce these errors. If an external
thermistor is to be used, take care to ensure that it is
placed in direct contact with the battery, and that the bat-
tery/thermistor set-up is placed in a sealed container.
Neither NiCd nor NiMH batteries should be fast-
charged outside the maximum and minimum tempera-
ture limits. However, some applications also require
termination using the
∆T/∆t criterion. The resistors RT1
and RT2 (Figure 1) will determine the temperature cutoff
(VTCO) and the rate-of-change of temperature (
∆T/∆t).
Though NiCd batteries do not always require termina-
tion using the
∆T/∆t feature, it is not possible to isolate
and disable this mode. It is therefore recommended
that NiCd and NiMH batteries use the same
∆T/∆t termi-
nation parameters.
The Duracell DR17 battery pack used in our example
circuit recommended a low fault temperature (VLTF) of
+10°C and a maximum temperature cutoff (VTCO) of
+50°C. These maximum temperature values will never
be reached in most cases, but are used as a safety net
to prevent battery damage. According to Duracell, the
10k
Ω thermistor inside the pack varies from 17.96kΩ at
+10°C to 4.16k
Ω at +50°C.
The circuit in Figure 1 will be designed so that a battery
temperature change of 1°C/min will result in fast-charge
termination. At 1°C/min, the battery will take 40 minutes
to change 40°C (10°C to 50°C). Since a charge rate of
C is used for this example, Table 4 shows that the
MAX2003A samples the TS pin every 68 seconds and
compares it with a value taken 136 seconds earlier. The
device will terminate fast-charge if the voltage at TS
changes by more than 0.0032VCC (16mV for VCC =
5V). At a charge rate of 16mV every 136 seconds, the
TS pin will charge 280mV in 40 minutes (40min x
60sec/min x 16mV/136sec).
The low fault temperature (VLTF) is set internally at
0.4VCC, which is 2.0V for a supply of 5V. The tempera-
ture cutoff voltage (VTCO) will be 280mV below VLTF, or:
VTCO = (2.00V - 0.28V) = 1.72V
Figure 5 shows that, at any given temperature:
VTS = VCC (RT2 || RNTC) / [(RT2 || RNTC) + RT1]
When the battery temperature is +10°C, the voltage is:
VTS10 = VCC (RT2 || RNTC10) / [(RT2 || RNTC10) + RT1]
And at +50°C:
VTS50 = VCC (RT2 || RNTC50) / [(RT2 || RNTC50) + RT1]
NiCd/NiMH Battery
Fast-Charge Controllers
______________________________________________________________________________________
13
VCC
R2
R3
R1
MCV
TCO
Figure 9. Resistor Configuration for MCV and TCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com