Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2003ACSE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2003ACSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003ACSE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2003ACSE Datasheet HTML 1Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 2Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 3Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 4Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 5Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 6Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 7Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 8Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 4.5V to 5.5V, Figure 1, all measurements are with respect to VSS, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Pins to VSS...........................................................-0.3V, +6.0V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) .............696mW
Wide SO (derate 9.52mW/°C above +70°C).................762mW
Operating Temperature Range...............................0°C to +70°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VBAT - VSNS
No load
VCC = 5V
VCC = 5V, VTCO = 1.4V
VCC = 5V
VCC = 5V
VCC = 5V
VCC = 5V
VTS - VSNS
VCC = 5V
VCC = 5V
CONDITIONS
mV
16
VTHERM
Thermistor Input Resolution
(Note 2)
mV
12
-
∆V
Negative Delta Voltage
(Note 2)
mV
30
VSNSHI -
VSNSLO
Delta Sense Voltage
(Note 1)
V
0.044VCC
0.044VCC
- 25mV
0.044VCC
+ 25mV
VSNSLO
Sense Trip Threshold Low
V
0.05VCC
0.05VCC
- 25mV
0.05VCC
+ 25mV
VSNSHI
Sense Trip Threshold High
V
0.0
VCC
VCELL
Cell Potential
mA
0.75
2.2
ICC
V
4.5
5.0
5.5
VCC
Supply Voltage
Supply Current
V
(VLTF/8)
(VLTF/8)
(VLTF/8)
+ (7VTCO/8)
+ 7VTCO/8
+ (7VTCO/8)
- 30mV
+ 30mV
VHTF
High-Temperature
Trip Threshold
V
VLTF - 0.2VCC
VLTF
VTCO
Temperature Cutoff Voltage
V
0.4VCC
0.4VCC
- 30mV
0.4VCC
+ 30mV
VLTF
Low-Temperature
Trip Threshold
V
VEDV
VEDV + 0.2VCC
VMCV
Maximum Cell Voltage
V
0.0
VCC
VBAT
Battery Voltage Input
V
0.0
VCC
VTEMP
Temperature Potential
V
0.0
VCC
VTS
Temperature Sense
Input Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = 5V
V
0.2VCC
0.2VCC
- 30mV
0.2VCC
+ 30mV
VEDV
End-of-Discharge Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com