Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2003ACSE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2003ACSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003ACSE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2003ACSE Datasheet HTML 1Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 2Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 3Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 4Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 5Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 6Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 7Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 8Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.5V to 5.5V, Figure 1, all measurements are with respect to VSS, TA = TMIN to TMAX, unless otherwise noted.)
TIMING CHARACTERISTICS
(VCC = 4.5V to 5.5V, Figure 1, all measurements are with respect to VSS, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VCC = 5.0V, TA = +25°C.)
Note 3: Ratio of actual versus expected timeout (see Table 4). Tested with TM1 = TM2 = floating.
Note 4: To recognize a battery insert signal, VBAT must be greater than VMCV for at least tBTO.
MOD pin in fast-charge mode, VCC = 5V
(Note 3)
CCMD, DCMD
CONDITIONS
kHz
100
fMAX
MOD Switching Frequency
0.84
1.00
1.16
µs
1.0
tMPW
Minimum Pulse Width
Variation of Fast-Charge Timeout
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CCMD, DCMD,
DVEN at VCC and VSS
CCMD, DCMD, DVEN
CCMD, DCMD, DVEN
TM1, TM2 = VCC
TM1, TM2 = VSS
For DIS, TEMP and CHG,
0mA
≤ ILOAD ≤ 5mA; For MOD,
0mA
≤ ILOAD ≤ 10mA
µA
-1.0
1.0
ILKG
Input Logic Leakage
1.0
VCC - 1.0
VIH
Input Logic Voltage High
µA
-70.0
IIH
Input Logic Current High
µA
70.0
IIL
Input Logic Current Low
V
VCC - 0.5
VOH
Logic-High Threshold
TM1, TM2 = tri-state
BAT, MCV, TCO, SNS, TS
µA
-2.0
2.0
IIZ
Input Logic Current High-Z
M
Ω
50
Input Impedance
TM1, TM2
V
VCC - 0.3
TM1, TM2
V
0.3
VIL
Input Logic Voltage Low
ms
200
250
300
tBTO
Battery Replacement Timeout
(Note 4)
Note 1: The sense trip levels are determined by an internal resistor divider network that provides a typical difference of 30mV from
SNSHI to SNSLO. Slight variation in this delta is seen if there is a resistor mismatch in the network.
Note 2: Typical variations of Negative Delta Voltage and Thermistor Input Resolution parameters are less than ±4mV.
For DIS, TEMP and CHG,
0mA
≤ ILOAD ≤ 5mA; For MOD,
0mA
≤ ILOAD ≤ 10mA
V
0.5
VOL
Logic-Low Threshold
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com