Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX2003ACSE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2003ACSE
Description  NiCd/NiMH Battery Fast-Charge Controllers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2003ACSE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2003ACSE Datasheet HTML 1Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 2Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 3Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 4Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 5Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 6Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 7Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 8Page - Maxim Integrated Products MAX2003ACSE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NiCd/NiMH Battery
Fast-Charge Controllers
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
NAME
FUNCTION
1
CCMD
Charge-Enabled Mode Input—initiates fast-charge on a digital signal (see
Detailed Description for operating
conditions).
2
DCMD
Discharge-Enable Mode Input—initiates discharge-before-charge on a digital signal (see
Detailed
Description for operating conditions).
PIN
3
DVEN
Negative Delta Voltage (-
∆V) Enable Input—enables -∆V charge-termination mode. If DVEN is high, the con-
troller uses negative-voltage change detection to terminate charge. If DVEN is low, this mode is disabled.
4, 5
TM1,
TM2
These inputs are used to program the fast-charge and hold-off times, and to enable the top-off charge
mode. The inputs can be high, low, or floating. See Table 4 for details.
9
SNS
Current-Sense Input—connected to the negative battery terminal. TS and BAT are referenced to this pin.
The voltage at SNS is directly proportional to the current through the battery and is used to determine how
and when MOD switches.
8
VSS
Ground
7
BAT
Input Voltage of Single Battery Cell. If more than one cell is present, a resistor divider is needed to divide the
voltage down to a single cell voltage.
6
TS
Temperature Sense-Voltage Input from external thermistor. The thermistor temperature coefficient is nega-
tive, so the higher the temperature, the lower the voltage at this pin (See
Detailed Description for conditions
of operation).
14
MOD
Modulation Output. This push/pull output switches to enable or disable charging current. If MOD is high,
current is enabled. If it is low, current is disabled. For a 5V supply, if the voltage at the SNS pin is less than
220mV, MOD is high. If the voltage is above 250mV, MOD is low.
13
CHG
Charge Status Output. This push/pull LED driver indicates charge status (see
Detailed Description).
12
TEMP
Temperature Status Output. This push/pull LED driver indicates that the temperature is outside the accept-
able limits, and fast-charge and top-off are inhibited (see
Maximum Temperature Termination section in
Detailed Description).
11
MCV
Maximum Cell Voltage Input. If the voltage from BAT to SNS exceeds the voltage at MCV, fast or top-off
charging is terminated.
10
TCO
Temperature Cutoff-Voltage Input. If the voltage from TS to SNS is less than the voltage at TCO, a hot ther-
mistor (negative coefficient) is detected and fast or top-off charging is terminated.
16
VCC
Power-Supply Voltage Input (+5V nominal). Bypass with a 0.1µF capacitor placed close to the device.
15
DIS
Discharge-Switch Control Output. This push/pull output turns on the FET that discharges the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com