Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z09B Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCS3P623Z09B
Description  Peak EMI Reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z09B Datasheet(HTML) 5 Page - ON Semiconductor

  PCS3P623Z09B Datasheet HTML 1Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 2Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 3Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 4Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
5
Table 3. SELECT INPUT DECODING TABLE FOR PCS3P623Z09
S2
S1
CLKOUT A1 − A4
CLKOUT B1 − B4
DLY_CTRL (Note 9)
Output Source
PLL Shut−Down
0
0
Three−state
Three−state
Driven
PLL
N
0
1
Driven
Three−state
Driven
PLL
N
1
0
Driven
Driven
Driven
Reference
Y
1
1
Driven
Driven
Driven
PLL
N
9. This output is driven and has an internal feedback for the PLL. The load on this output can be adjusted to change the skew between the
reference and the Output.
Table 4. SPREAD SPECTRUM CONTROL AND INPUT−OUTPUT SKEW TABLE
Frequency (MHz)
Device
Deviation (+%)
Input−Output Skew (+TSKEW) (Note 10)
32
PCS3P623Z05A / 09A
0.125
0.125
PCS3P623Z05B / 09B
0.25
0.25
10.TSKEW is measured in units of the Clock Period.
Table 5. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage to Ground Potential
−0.5 to +4.6
V
VIN
DC Input Voltage (CLKIN)
−0.5 to +7
TSTG
Storage temperature
−65 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22− A114−B)
2
KV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 6. OPERATING CONDITIONS
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
−40
+85
°C
CL
Load Capacitance
30
pF
CIN
Input Capacitance
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com