Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCS3P623Z09B Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCS3P623Z09B
Description  Peak EMI Reduction IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P623Z09B Datasheet(HTML) 3 Page - ON Semiconductor

  PCS3P623Z09B Datasheet HTML 1Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 2Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 3Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 4Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 5Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 6Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 7Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 8Page - ON Semiconductor PCS3P623Z09B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PCS3P623Z05A, PCS3P623Z05B, PCS3P623Z09A, PCS3P623Z09B
http://onsemi.com
3
Pin Configuration for PCS3P623Z05A/B
8
7
6
5
DLY_CTRL
CLKOUT4
VDD
CLKOUT3
1
2
3
4
CLKIN
CLKOUT1
CLKOUT2
GND
PCS3P623Z05A/B
Table 1. PIN DESCRIPTION FOR PCS3P623Z05A/B
Pin #
Pin Name
Type
Description
1
CLKIN (Note 1)
I
External reference Clock input, 5 V tolerant input
2
CLKOUT1 (Note 2)
O
Buffered clock output (Note 4)
3
CLKOUT2 (Note 2)
O
Buffered clock output (Note 4)
4
GND
P
Ground
5
CLKOUT3 (Note 2)
O
Buffered clock output (Note 4)
6
VDD
P
3.3 V supply
7
CLKOUT4 (Note 2)
O
Buffered clock output (Note 4)
8
DLY_CTRL
O
External Input−Output Delay control. This pin can be used as clock output (Note 4)
1. Weak pull down
2. Weak pull−down on all outputs
3. Weak pull−up on these Inputs
4. Buffered clock output is Timing−Safe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com